Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 4 Page - Analog Devices

  LTC3634 Datasheet HTML 1Page - Analog Devices LTC3634 Datasheet HTML 2Page - Analog Devices LTC3634 Datasheet HTML 3Page - Analog Devices LTC3634 Datasheet HTML 4Page - Analog Devices LTC3634 Datasheet HTML 5Page - Analog Devices LTC3634 Datasheet HTML 6Page - Analog Devices LTC3634 Datasheet HTML 7Page - Analog Devices LTC3634 Datasheet HTML 8Page - Analog Devices LTC3634 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3634
4
3634fc
For more information www.linear.com/LTC3034
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Note 4). VIN = 12V, INTVCC = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Leakage Current
VIN = 15V, VRUN = 0V
0.01
±1
µA
VIN Overvoltage Lockout Threshold
VIN Rising
VIN Falling
16.8
15.8
17.5
16.5
18
17
V
V
INTVCC Voltage
3.6V < VIN < 15V, 0mA Load
3.1
3.3
3.5
V
INTVCC Load Regulation
0mA to 50mA Load, VIN = 4V to 15V
0.7
%
RUN Threshold Rising
RUN Threshold Falling
l
l
1.18
0.98
1.22
1.01
1.26
1.04
V
V
RUN Leakage Current
0
±1
µA
PGOOD Good-to-Bad Threshold
VFB Rising
VFB Falling
8
–8
10
–10
%
%
PGOOD Hysteresis
VFB from Bad-to-Good
15
mV
RPGOOD
PGOOD Pull-Down Resistance
10mA Load
15
Ω
Power Good Filter Time
20
40
µs
tSS1
Channel 1 Internal Soft-Start Ramp Rate
0.7
1.2
V/ms
tSS2
Channel 2 Internal Soft-Start Ramp Rate
1.5
2.2
V/ms
VFB1 During Tracking
TRACKSS = 0.3V
0.28
0.3
0.315
V
ITRACKSS
TRACKSS Pull-Up Current
1.4
µA
Phase Shift Between Channel 1 and
Channel 2
PHMODE = 0V
PHMODE = INTVCC
90
180
deg
deg
PHMODE Threshold Voltage
VIH
VIL
1
0.3
V
V
MODE/SYNC Threshold Voltage
VIH
VIL
1
0.4
V
V
SYNC Threshold Voltage
VIH
0.95
V
MODE/SYNC Input Current
MODE = 0V
MODE = INTVCC
1.5
–1.5
µA
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Transient event duration must be < 1% of total lifetime of the part.
Note 3: Guaranteed by long term current density limitations.
Note 4: The LTC3634 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3634E is guaranteed to meet specified performance
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3634I is guaranteed to meet specifications over the –40°C to 125°C
operating junction temperature range. The LTC3634H is guaranteed
over the –40°C to 150°C operating junction temperature range and the
LTC3634MP is tested and guaranteed over the –55°C to 150°C operating
junction temperature range. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125°C. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 5: The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C), package thermal impedance (θJA, in °C/W), and
power dissipation (PD, in Watts) according to the formula: TJ = TA + PD • θJA.
Note 6: Output voltage settings above 3V are not optimized for controlled
on-time operation. For designs that set output voltages above 3V, please
refer to the Applications Information section for information on device
operation outside the optimized range.
Note 7: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 8: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com