Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3634 Datasheet HTML 7Page - Analog Devices LTC3634 Datasheet HTML 8Page - Analog Devices LTC3634 Datasheet HTML 9Page - Analog Devices LTC3634 Datasheet HTML 10Page - Analog Devices LTC3634 Datasheet HTML 11Page - Analog Devices LTC3634 Datasheet HTML 12Page - Analog Devices LTC3634 Datasheet HTML 13Page - Analog Devices LTC3634 Datasheet HTML 14Page - Analog Devices LTC3634 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3634
11
3634fc
For more information www.linear.com/LTC3034
OPERATION
The LTC3634 is a dual-channel, current mode monolithic
step-down regulator designed to provide high efficiency
power conversion for DDR memory supplies and bus ter-
mination.Itsuniquecontrolledon-timearchitectureallows
extremely low step-down ratios while maintaining a fast,
constant switching frequency. Each channel is enabled by
raising the voltage on the RUN pin above 1.22V nominally.
Main Control Loop
In normal operation, the internal top power MOSFET is
turned on for a fixed interval determined by a one-shot
timer (ON signal in the Block Diagram). When the top
power MOSFET turns off, the bottom power MOSFET turns
on until the current comparator ICMP trips, thus restarting
the one-shot timer and initiating the next cycle. Inductor
current is measured by sensing the voltage drop across
the bottom power MOSFET. The voltage on the ITH pin sets
the comparator threshold corresponding to inductor valley
current. The error amplifier EA adjusts this ITH voltage
by comparing the feedback signal VFB (derived from the
output voltage) to an internal 0.6V reference voltage (chan-
nel 1) or the VTTR voltage (channel 2). If the load current
increases, it causes a drop in the feedback voltage relative
to the reference voltage. The ITH voltage then rises until the
average inductor current matches that of the load current.
The switching frequency is determined by the value of the
RT resistor, which programs the current for the internal
oscillator. An internal phase-locked loop servos the one-
shot timer (ON signal) such that the internal oscillator
edge phase-locks to the SW node edge, thus forcing a
constant switching frequency. This unique controlled
on-time architecture also allows the switching frequency
to be synchronized to an external clock source when it
is applied to the MODE/SYNC pin. Channel 1 defaults to
forced continuous operation once the clock signal is ap-
plied (channel 2 is always in forced continuous operation).
VTTR Output Buffer
The VTTR pin outputs a voltage equal to one half of
VDDQIN. It is capable of sourcing/sinking 10mA and
driving capacitive loads up to 0.01µF. A small series
resistance (1Ω) between the output and the load further
increases the amount of capacitance that the amplifier can
drive. The error amplifier for channel 2 uses this voltage
as its reference voltage.
High Efficiency Burst Mode Operation
At light load currents, the inductor current can drop to zero
and become negative. In Burst Mode operation (available
only on channel 1), a current reversal comparator (IREV)
detects the negative inductor current and shuts off the bot-
tom power MOSFET, resulting in discontinuous operation
and increased efficiency. Both power MOSFETs will remain
off until the ITH voltage rises above the zero current level to
initiate another cycle. During this time, the output capacitor
supplies the load current and the part is placed into a low
currentsleepmode.BurstModeoperationisdisabledbyty-
ingtheMODE/SYNCpintoground,whichforcescontinuous
synchronous operation regardless of output load current.
Power Good Status Output
The PGOOD open-drain output will be pulled low if the
regulatoroutputexitsa±8%windowaroundtheregulation
point. This threshold has 15mV of hysteresis relative to
the VFB pin. To prevent unwanted PGOOD glitches during
transientsordynamicVOUTchanges,theLTC3634PGOOD
falling edge includes a filter time of approximately 40μs.
For the VTT output (channel 2), VTTR is the regulation
point. The PGOOD2 pin will always be low when the VTTR
output voltage is less than 300mV.
VIN Overvoltage Protection
In order to protect the internal power MOSFET devices
against long transient voltage events, the LTC3634 con-
stantly monitors each VIN pin for an overvoltage condi-
tion. When VIN rises above 17.5V, the regulator suspends
operation by shutting off both power MOSFETs on the
corresponding channel. Once VIN drops below 16.5V, the
regulator immediately resumes normal operation. The
regulator does not execute its soft-start function when
exiting an overvoltage condition.
Out-Of-Phase Operation
Tying the PHMODE pin high sets the SW2 falling edge to
be 180° out-of-phase with the SW1 falling edge. There is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com