Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3634 Datasheet HTML 9Page - Analog Devices LTC3634 Datasheet HTML 10Page - Analog Devices LTC3634 Datasheet HTML 11Page - Analog Devices LTC3634 Datasheet HTML 12Page - Analog Devices LTC3634 Datasheet HTML 13Page - Analog Devices LTC3634 Datasheet HTML 14Page - Analog Devices LTC3634 Datasheet HTML 15Page - Analog Devices LTC3634 Datasheet HTML 16Page - Analog Devices LTC3634 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3634
13
3634fc
For more information www.linear.com/LTC3034
Figure 3. Setting the Output Voltage
APPLICATIONS INFORMATION
When RT is tied to INTVCC, the switching frequency will
default to approximately 2MHz, as set by an internal resis-
tor. This internal resistor is more sensitive to process and
temperature variations than an external resistor (see the
Typical Performance Characteristics section) and is best
used for applications where switching frequency accuracy
is not critical.
Output Voltage Programming
Each regulator’s output voltage is set by an external resis-
tive divider according to the following equation:
VOUT = VFBREG 1+
R2
R1


where VFBREG is the reference voltage as specified in the
Electrical Characteristics Table. The reference voltage is
600mV for channel 1; for channel 2 the reference voltage
is equal to the VTTR pin voltage. The desired output volt-
age is set by appropriate selection of resistors R1 and R2
as shown in Figure 3.
The buffered output voltage on the VTTR pin is nominally
equaltohalfoftheVDDQINvoltage;thusconfiguringVOUT2
as a VTT bus termination supply for DDR memory is as
simple as shorting VOUT2 to VFB2 and connecting VDDQIN
directly to the VOUT1 (the VDDQ supply).
Choosing large values for R1 and R2 will result in im-
proved zero-load efficiency but may lead to undesirable
noise coupling or phase margin reduction due to stray
capacitances at the VFB node. Care should be taken to
route the VFB trace away from any noise source, such as
the SW trace.
The LTC3634 controlled on-time architecture is optimized
for an output voltage range of 0.6V to 3V, which is suit-
able for powering DDR memory. The LTC3634 is capable
of regulating higher output voltages; however, controlled
on-time behavior is not ensured. When the output voltage
is greater than 3V, the step-down regulator is forced to
increasetheswitchingfrequencyinordertoachieveoutput
regulation. Furthermore,externalclocksynchronizationis
nolongerpossible,andchannel2cannotmaintain90°/180°
phase operation with respect to channel 1. In short, the
LTC3634 will behave like a constant on-time regulator
insteadofacontrolledon-timeregulator.Therefore,output
voltages greater than 3V should only be used in applica-
tions where switching frequency and channel-to-channel
phase-lockingarenotcriticalperformancecharacteristics.
Inductor Selection
Foragiveninputandoutputvoltage,theinductorvalueand
operatingfrequencydeterminetheinductorripplecurrent.
More specifically, the inductor ripple current decreases
with higher inductor value or higher operating frequency
according to the following equation:
∆IL =
VOUT
f •L


1−
VOUT
VIN


whereΔIL=inductorripplecurrent,f=operatingfrequency
and L = inductor value. A trade-off between component
size, efficiency and operating frequency can be seen from
this equation. Accepting larger values of ΔIL allows the
use of lower value inductors but results in greater inductor
LTC3634
R2
CF
(OPTIONAL)
VOUT
3634 F03
VFB
SGND
R1
Figure 2. Switching Frequency vs RT
0
1000
2000
3000
5000
200
700
600
3634 F02
0
6000
4000
100
300 400 500
RT RESISTOR (k)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com