Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3634 Datasheet HTML 20Page - Analog Devices LTC3634 Datasheet HTML 21Page - Analog Devices LTC3634 Datasheet HTML 22Page - Analog Devices LTC3634 Datasheet HTML 23Page - Analog Devices LTC3634 Datasheet HTML 24Page - Analog Devices LTC3634 Datasheet HTML 25Page - Analog Devices LTC3634 Datasheet HTML 26Page - Analog Devices LTC3634 Datasheet HTML 27Page - Analog Devices LTC3634 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC3634
24
3634fc
For more information www.linear.com/LTC3034
Figure 9. Design Example Circuit
APPLICATIONS INFORMATION
RUN1
RUN2
RT
INTVCC
PHMODE
MODE/SYNC
ITH1
ITH2
LTC3634
3634 F09
L1
1.5µH
0.1µF
0.01µF
0.1µF
R1
12.1k
R2
24.3k
PGND
SGND
BOOST1
SW1
VON1
VDDQIN
VFB1
BOOST2
SW2
VFB2
VON2
VTTR
VIN1
VIN
3.6V TO 15V
VIN2
L2
0.82µH
R3
324k
COUT2
100µF
×4
COUT1
100µF
×2
VDDQ
1.8V
VTT
0.9V
VREF
0.9V
C5
10pF
RCOMP1
26.7k
CCOMP1
560pF
RCOMP2
18k
CCOMP2
910pF
C2
2.2µF
C1
47µF
×2
C4
10pF
Figure 10. Example of Power Component Layout
for QFN Package
Figure 11. Example of Power Component Layout
for TSSOP Package
SW1
SW2
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIA TO BOOST2
VIA TO BOOST1
VIA TO VON2 AND VFB2 (NOT SHOWN)
VIA TO VON1 AND R2 (NOT SHOWN)
VOUT2
VOUT1
SGND (TO NONPOWER
COMPONENTS)
3634 F11
L1
L2
COUT2
COUT1
CIN
CIN
GND
GND
VIN
CBOOST1
CBOOST2
SW2
CBOOST2
CBOOST1
SW1
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIAS TO GROUND
PLANE
VIA TO BOOST1
VIA TO BOOST2
VIA TO VON2 AND VFB2 (NOT SHOWN)
VIA TO VON1/R2 (NOT SHOWN)
VOUT2
GND
VIN
GND
VOUT1
SGND (TO NONPOWER
COMPONENTS)
3634 F10
COUT2
CIN
CIN
COUT1
L2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com