Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3634 Datasheet HTML 5Page - Analog Devices LTC3634 Datasheet HTML 6Page - Analog Devices LTC3634 Datasheet HTML 7Page - Analog Devices LTC3634 Datasheet HTML 8Page - Analog Devices LTC3634 Datasheet HTML 9Page - Analog Devices LTC3634 Datasheet HTML 10Page - Analog Devices LTC3634 Datasheet HTML 11Page - Analog Devices LTC3634 Datasheet HTML 12Page - Analog Devices LTC3634 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3634
9
3634fc
For more information www.linear.com/LTC3034
VTTR (Pin 18/Pin 21): Reference Output. This output is
used to supply the VREF voltage for DDR memory. An on-
chip buffer amplifier outputs a low noise reference voltage
equal to VDDQIN/2. This output is capable of supplying
10mA. The buffer output can drive capacitive loads up to
0.01µF. A small series resistance (1Ω) between the output
and the load further increases the amount of capacitance
that the amplifier can drive. The error amplifier for channel
2 uses this voltage as its reference voltage.
INTVCC (Pin 19/Pin 22): Internal 3.3V Regulator Output.
The internal gate drivers and control circuits are powered
from this voltage. Decouple this pin to power ground with
a minimum of 1μF low ESR ceramic capacitor. The internal
regulator is disabled when both Channel 1 and Channel 2
are disabled with the RUN1/RUN2 inputs.
BOOST1 (Pin 20/Pin 23): Boosted Floating Driver Supply
for Channel 1. The (+) terminal of the bootstrap capacitor
connects to this pin while the (–) terminal connects to
the SW pin. The normal operation voltage swing of this
pin ranges from a diode voltage drop below INTVCC up
to VIN1 + INTVCC.
VIN1 (Pins 21, 22/Pins 24, 25): Power Supply Input for
Channel 1. Input voltage to the on-chip power MOSFETs
on channel 1. The internal LDO for INTVCC is powered
from this pin.
SW1 (Pins 23, 24/Pins 26, 27): Channel 1 Switch Node
Connection to External Inductor. Voltage swing of SW is
from a diode voltage drop below ground to a diode volt-
age above VIN1.
VON1 (Pin 25/Pin 28): On-Time Voltage Input for Chan-
nel 1. This pin sets the voltage trip point for the on-time
comparator. Tying this pin to the regulated output voltage
makes the on-time proportional to VOUT1 when VOUT1 <
3V. When VOUT1 > 3V, switching frequency may become
higher than the set frequency (see the Applications Infor-
mation section). The pin impedance is nominally 150kΩ.
ITH1 (Pin 26/Pin 1): Channel 1 Error Amplifier Output and
Switching Regulator Compensation Pin. Connect this pin
to appropriate external components to compensate the
regulator loop frequency response. See the Applications
Informationsectionforguidelinesoncomponentselection.
TRACKSS (Pin 27/Pin 2): Output Tracking and Soft-Start
Input Pin for Channel 1. Forcing a voltage below 0.6V on
this pin bypasses the internal reference input to the error
amplifier. The LTC3634 will servo the FB pin to the TRACK
voltage. Above 0.6V, the tracking function stops and the
internal reference resumes control of the error amplifier.
An internal 1.4μA pull-up current from INTVCC allows a
soft-start function to be implemented by connecting a
capacitor between this pin and SGND.
VFB1 (Pin 28/Pin 3): Channel 1 Output Feedback Voltage
Pin.Inputtotheerroramplifierthatcomparesthefeedback
voltage to the internal 0.6V reference voltage. Connect this
pin to a resistor divider network to program the desired
output voltage. Connecting this pin to INTVCC configures
the LTC3634 for 2-phase, single output operation; see
the Applications Information section for full discussion.
PGND (Exposed Pad Pin 29/Exposed Pad Pin 29): Power
Ground Pin. The (–) terminal of the input bypass capacitor,
CIN, and the (–) terminal of the output capacitor, COUT,
should be tied to this pin with a low impedance connec-
tion. This pin must be soldered to the PCB to provide a
low impedance electrical contact to power ground and
good thermal contact to the PCB.
PIN FUNCTIONS (QFN/TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com