Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3634 Datasheet HTML 17Page - Analog Devices LTC3634 Datasheet HTML 18Page - Analog Devices LTC3634 Datasheet HTML 19Page - Analog Devices LTC3634 Datasheet HTML 20Page - Analog Devices LTC3634 Datasheet HTML 21Page - Analog Devices LTC3634 Datasheet HTML 22Page - Analog Devices LTC3634 Datasheet HTML 23Page - Analog Devices LTC3634 Datasheet HTML 24Page - Analog Devices LTC3634 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3634
21
3634fc
For more information www.linear.com/LTC3034
1. Conduction losses are calculated from the DC resis-
tances of the internal switches, RSW, and external
inductor, RL. In continuous mode, the average output
current flows through inductor L but is “chopped”
between the internal top and bottom power MOSFETs.
Thus, the series resistance looking into the SW pin is a
function of both top and bottom MOSFET RDS(ON) and
the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
TheRDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. So to calculate conduction losses:
Conduction Loss = IOUT2 (RSW + RL)
2. The internal LDO supplies the power to the INTVCC rail.
The total power loss here is the sum of the switching
losses and quiescent current losses from the control
circuitry.
Each time a power MOSFET gate is switched from low
to high to low again, a packet of charge dQ moves from
VIN to ground. The resulting dQ/dt is a current out of
INTVCC that is typically much larger than the DC control
bias current. In continuous mode, IGATECHG = f • (QT +
QB),whereQTandQBarethegatechargesoftheinternal
top and bottom power MOSFETs and f is the switching
frequency. For estimation purposes, (QT + QB) on each
LTC3634 regulator channel is approximately 2.3nC.
To calculate the total power loss from the LDO load,
simply add the gate charge current and quiescent cur-
rent and multiply by VIN:
PLDO = (IGATECHG + IQ) • VIN
3.Otherhiddenlossessuchastransitionloss,coppertrace
resistances, and internal load currents can account for
additional efficiency degradations in the overall power
system. Transition loss arises from the brief amount of
time the top power MOSFET spends in the saturated
region during switch node transitions. The LTC3634
internalpowerdevicesswitchquicklyenoughthatthese
losses are not significant compared to other sources.
Other losses, including diode conduction losses during
dead-time and inductor core losses, generally account
for less than 2% total additional loss.
Thermal Considerations
The LTC3634 requires the exposed package back-plane
metal (PGND) to be well soldered to the PC board to
provide good thermal contact. This gives the QFN and
TSSOP packages exceptional thermal properties, which
are necessary to prevent excessive self-heating of the part
in normal operation.
In a majority of applications, the LTC3634 does not dis-
sipate much heat due to its high efficiency and low thermal
resistance of its exposed-back QFN package. However, in
applications where the LTC3634 is running at high ambi-
ent temperature, high VIN, high switching frequency, and
maximum output current load, the heat dissipated may
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 170°C,
bothpowerswitcheswillbeturnedoffuntilthetemperature
returns to 160°C.
To prevent the LTC3634 from exceeding the maximum
junction temperature of 125°C, the user will need to do
some thermal analysis. The goal of the thermal analysis
is to determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TRISE = PD • θJA
As an example, consider the case when the LTC3634 is
used to power DDR2 SDRAM and is used in an application
where maximum ambient temperature is 70°C, VIN = 12V,
frequency = 1MHz, VDDQ = 1.8V, VTT = 0.9V, and ILOAD =
2A for both channels.
From the RDS(ON) graphs in the Typical Performance
Characteristics section, the top switch on-resistance is
nominally 140mΩ and the bottom switch on-resistance
is nominally 75mΩ at 70°C ambient. For the VDDQ supply,
the equivalent power MOSFET resistance RSW1 is:
RDS(ON)TOP •
1.8V
12V
+RDS(ON)BOT •
10.2V
12V
= 84.8mΩ
The same calculation to the VTT supply (0.9V), yields
RSW2 = 79.9mΩ.
From the previous section’s discussion on gate drive, we
estimate the total gate charge current for each regulator to
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com