Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 3 Page - Analog Devices

  LTC3634 Datasheet HTML 1Page - Analog Devices LTC3634 Datasheet HTML 2Page - Analog Devices LTC3634 Datasheet HTML 3Page - Analog Devices LTC3634 Datasheet HTML 4Page - Analog Devices LTC3634 Datasheet HTML 5Page - Analog Devices LTC3634 Datasheet HTML 6Page - Analog Devices LTC3634 Datasheet HTML 7Page - Analog Devices LTC3634 Datasheet HTML 8Page - Analog Devices LTC3634 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3634
3
3634fc
For more information www.linear.com/LTC3034
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified junction
temperature range, otherwise specifications are at TA = 25°C (Note 4). VIN = 12V, INTVCC = 3.3V, unless otherwise noted.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3634EUFD#PBF
LTC3634EUFD#TRPBF
3634
28-Lead (5mm × 4mm) Plastic QFN
–40°C to 125°C
LTC3634IUFD#PBF
LTC3634IUFD#TRPBF
3634
28-Lead (5mm × 4mm) Plastic QFN
–40°C to 125°C
LTC3634HUFD#PBF
LTC3634HUFD#TRPBF
3634
28-Lead (5mm × 4mm) Plastic QFN
–40°C to 150°C
LTC3634MPUFD#PBF
LTC3634MPUFD#TRPBF
3634
28-Lead (5mm × 4mm) Plastic QFN
–55°C to 150°C
LTC3634EFE#PBF
LTC3634EFE#TRPBF
LTC3634FE
28-Lead Plastic TSSOP
–40°C to 125°C
LTC3634IFE#PBF
LTC3634IFE#TRPBF
LTC3634FE
28-Lead Plastic TSSOP
–40°C to 125°C
LTC3634HFE#PBF
LTC3634HFE#TRPBF
LTC3634FE
28-Lead Plastic TSSOP
–40°C to 150°C
LTC3634MPFE#PBF
LTC3634MPFE#TRPBF
LTC3634FE
28-Lead Plastic TSSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
VIN1, Operating Supply Range
VIN2, Operating Supply Range
VIN1 > 3.6V
l
l
3.6
1.4
15
15
V
V
Output Voltage Range
VON = VOUT (Note 6)
0.6
3
V
IQ
Input DC Supply Current (VIN1 + VIN2)
Active (Note 7)
Shutdown
RUN1 = RUN2 = VIN
RUN1 = RUN2 = 0V
1.3
15
mA
µA
VFBREG1
Feedback Reference Voltage
3.6V < VIN < 15V, 0.5V < ITH < 1.8V
0°C < TA < 85°C
–55°C < TA < 150°C
l
l
0.594
0.592
0.6
0.6
0.606
0.606
V
V
VFBREG2
Feedback Reference Voltage
3.6V < VIN < 15V, 0.5V < ITH < 1.8V
l
VTTR – 6
VTTR
VTTR + 6
mV
VTTR
VTTR Voltage Reference
1.5V < VDDQIN < 2.6V
ILOAD = ±10mA, CLOAD < 10nF
l
0.492 •
VDDQIN
0.50 •
VDDQIN
0.508 •
VDDQIN
V
IFB
Feedback Pin Input Current
±30
nA
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V
1.0
mS
tON(MIN)
Minimum On-Time
VON = 0.5V, VIN = 4V
20
ns
tOFF(MIN)
Minimum Off-Time
VIN = 6V
40
60
ns
fOSC
Oscillator Frequency
VRT = INTVCC
RT = 162k
RT = 80.6k
1.4
1.7
3.4
2
2
4
2.6
2.3
4.6
MHz
MHz
MHz
ILIM1
Channel 1 Valley Switch Current Limit
Positive Limit
Negative Limit
3.3
4.4
8
5.5
A
A
ILIM2
Channel 2 Valley Switch Current Limit
Positive Limit
Negative Limit
3.3
4.4
8
5.5
A
A
RDS(ON)
Channel 1
Top Switch On-Resistance
Bottom Switch On-Resistance
Channel 2
Top Switch On-Resistance
Bottom Switch On-Resistance
130
65
130
65
mΩ
mΩ
mΩ
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com