Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3634 Datasheet HTML 3Page - Analog Devices LTC3634 Datasheet HTML 4Page - Analog Devices LTC3634 Datasheet HTML 5Page - Analog Devices LTC3634 Datasheet HTML 6Page - Analog Devices LTC3634 Datasheet HTML 7Page - Analog Devices LTC3634 Datasheet HTML 8Page - Analog Devices LTC3634 Datasheet HTML 9Page - Analog Devices LTC3634 Datasheet HTML 10Page - Analog Devices LTC3634 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3634
7
3634fc
For more information www.linear.com/LTC3034
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation
VTTR Load Regulation
VDDQ Load Step
Start-Up
Start-Up (Channel 2)
TA = 25°C, VIN = 12V, fSW = 1MHz, L = 1.5μH unless
otherwise noted.
VTT Load Step
LOAD CURRENT (A)
–3
0.1
0.2
0.3
–1
1
3634 G16
0
–0.1
–2
0
2
3
–0.2
–0.3
VDDQ
VTT
VTTR LOAD CURRENT (mA)
–10
0.1
0.2
–6
–2
3634 G17
0
–0.1
–8
–4
0
4
8
2
6
10
–0.2
20µs/DIV
3634 G18
VOUT
100mV/DIV
AC-COUPLED
IL
2A/DIV
VOUT = 1.8V
ILOAD = 0A TO 3A
20µs/DIV
3634 G19
VOUT
100mV/DIV
AC-COUPLED
IL
2A/DIV
VOUT = 0.9V
ILOAD = –2A TO 2A
200µs/DIV
RUN1 = 5V
3634 G21
VDDQ
VTT
1V/DIV
RUN2
5V/DIV
VTTR
1V/DIV
VDDQ
VTT
200µs/DIV
3634 G20
VDDQ
VTT
1V/DIV
RUN1 = RUN2
5V/DIV
VTTR
1V/DIV
VDDQ
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com