Electronic Components Datasheet Search
  English  ▼

X  

LTC3634 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3634
Description  15V Dual 3A Monolithic Step-Down Regulator for DDR Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3634 Datasheet(HTML) 2 Page - Analog Devices

  LTC3634 Datasheet HTML 1Page - Analog Devices LTC3634 Datasheet HTML 2Page - Analog Devices LTC3634 Datasheet HTML 3Page - Analog Devices LTC3634 Datasheet HTML 4Page - Analog Devices LTC3634 Datasheet HTML 5Page - Analog Devices LTC3634 Datasheet HTML 6Page - Analog Devices LTC3634 Datasheet HTML 7Page - Analog Devices LTC3634 Datasheet HTML 8Page - Analog Devices LTC3634 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3634
2
3634fc
For more information www.linear.com/LTC3034
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 ................................................... –0.3V to 16V
VIN1, VIN2 Transient (Note 2)......................................18V
PGOOD1, PGOOD2, VON1, VON2................. –0.3V to 16V
VTTR, INTVCC, TRACKSS, VDDQIN .......... –0.3V to 3.6V
ITH1, ITH2, RT, MODE/SYNC .....–0.3V to INTVCC + 0.3V
VFB1, VFB2, PHMODE..................–0.3V to INTVCC + 0.3V
BOOST1-SW1, BOOST2-SW2.................... –0.3V to 3.6V
BOOST1, BOOST2....................................–0.3V to 19.6V
RUN1, RUN2 .................................... –0.3V to VIN + 0.3V
9 10
TOP VIEW
29
PGND
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
PGOOD1
PHMODE
RUN1
MODE/SYNC
RT
RUN2
SGND
PGOOD2
VIN1
VIN1
BOOST1
INTVCC
VTTR
BOOST2
VIN2
VIN2
7
17
18
19
20
21
22
16
8
15
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
TRACKSS
VFB1
PGOOD1
PHMODE
RUN1
MODE/SYNC
RT
RUN2
SGND
PGOOD2
VFB2
VDDQIN
ITH2
VON1
SW1
SW1
VIN1
VIN1
BOOST1
INTVCC
VTTR
BOOST2
VIN2
VIN2
SW2
SW2
VON2
29
PGND
TJMAX = 150°C, θJA = 25°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
SW Source and Sink Current (DC) (Note 3) ................3A
Operating Junction Temperature Range (Notes 4, 5, 8)
LTC3634E, LTC3634I......................... –40°C to 125°C
LTC3634H.......................................... –40°C to 150°C
LTC3634MP....................................... –55°C to 150°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature
(Soldering, 10 sec, TSSOP Package).....................260°C
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com