Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 4 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTM2882
4
2882fh
For more information www.linear.com/LTM2882
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2882-3 VCC = 3.3V, LTM2882-5 VCC = 5.0V, VL = VCC, and GND =
GND2 = 0V, ON = VL unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver
VIR
Receiver Input Threshold
Input Low
l
0.8
1.3
V
Input High
l
1.7
2.5
V
VHYSR
Receiver Input Hysteresis
l
0.1
0.4
1.0
V
RIN
Receiver Input Resistance
–15V ≤ (VR1IN, VR2IN) ≤ 15V
l
3
5
7
kΩ
Logic
VITH
Logic Input Threshold Voltage
ON, T1IN, T2IN, DIN = 1.62V ≤ VL < 2.35V
l
0.25•VL
0.75•VL
V
ON, T1IN, T2IN, DIN = 2.35V ≤ VL ≤ 5.5V
l
0.4
0.67•VL
V
DE
l
0.4
0.67•VCC2
V
IINL
Logic Input Current
l
±1
µA
VHYS
Logic Input Hysteresis
T1IN, T2IN, DIN (Note 2)
150
mV
VOH
Logic Output High Voltage
R1OUT, R2OUT
ILOAD = –1mA (Sourcing), 1.62V ≤ VL < 3.0V
ILOAD = –4mA (Sourcing), 3.0V ≤ VL ≤ 5.5V
l
l
VL – 0.4
VL – 0.4
V
V
DOUT, ILOAD = –4mA (Sourcing)
l
VCC2 – 0.4
V
VOL
Logic Output Low Voltage
R1OUT, R2OUT
ILOAD = 1mA (Sinking), 1.62V ≤ VL < 3.0V
ILOAD = 4mA (Sinking), 3.0V ≤ VL ≤ 5.5V
l
l
0.4
0.4
V
V
DOUT, ILOAD = 4mA (Sinking)
l
0.4
V
ESD (HBM) (Note 2)
RS232 Driver and Receiver Protection
(T1OUT, T2OUT, R1IN, R2IN) to (VCC2, GND2)
±10
kV
(T1OUT, T2OUT, R1IN, R2IN) to (VCC, VL, GND)
±10
kV
Isolation Boundary
(VCC2, GND2) to (VCC, VL, GND)
±10
kV
SWITCHING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2882-3 VCC = 3.3V, LTM2882-5 VCC = 5.0V, VL = VCC, and GND =
GND2 = 0V, ON = VL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
(T1IN to T1OUT, T2IN to T2OUT)
RL = 3kΩ, CL = 2.5nF (Note 3)
l
100
kbps
RL = 3kΩ, CL = 1nF (Note 3)
l
250
kbps
RL = 3kΩ, CL = 250pF (Note 3)
l
1000
kbps
Maximum Data Rate (DIN to DOUT)
CL = 15pF (Note 3)
l
10
Mbps
Driver
Driver Slew Rate (6V/tTHL or tTLH)
RL = 3kΩ, CL = 50pF (Figure 1)
l
150
V/µs
tPHLD, tPLHD
Driver Propagation Delay
RL = 3kΩ, CL = 50pF (Figure 1)
l
0.2
0.5
µs
tSKEWD
Driver Skew |tPHLD – tPLHD|
RL = 3kΩ, CL = 50pF (Figure 1)
40
ns
tPZHD, tPZLD
Driver Output Enable Time
DE =
↑ , RL = 3kΩ, CL = 50pF (Figure 2)
l
0.6
2
µs
tPHZD, tPLZD
Driver Output Disable Time
DE =
↓ , RL = 3kΩ, CL = 50pF (Figure 2)
l
0.3
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com