Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 1 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTM2882
1
2882fh
For more information www.linear.com/LTM2882
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
DESCRIPTION
Dual Isolated RS232
µModule Transceiver + Power
The LTM®2882 is a complete galvanically isolated dual
RS232 µModule®(micromodule)transceiver. No external
components are required. A single 3.3V or 5V supply
powers both sides of the interface through an integrated,
isolated DC/DC converter. A logic supply pin allows easy
interfacing with different logic levels from 1.62V to 5.5V,
independent of the main supply.
Coupled inductors and an isolation power transformer
provide2500VRMSofisolationbetweenthelinetransceiver
and the logic interface. This device is ideal for systems
with different grounds, allowing for large common mode
voltages. Uninterrupted communication is guaranteed for
common mode transients greater than 30kV/μs.
This part is compatible with the TIA/EIA-232-F standard.
Driver outputs are protected from overload and can be
shorted to ground or up to ±15V without damage. An
auxiliary isolated digital channel is available. This channel
allows configuration for half-duplex operation by control-
ling the DE pin.
Enhanced ESD protection allows this part to withstand up
to ±10kV (human body model) on the transceiver interface
pins to isolated supplies and across the isolation barrier
to logic supplies without latchup or damage.
Isolated Dual RS232 µModule Transceiver
FEATURES
APPLICATIONS
n
RS232 Transceiver: 2500VRMS for 1 Minute
n
UL-CSA Recognized
File #E151738
n
CSA Component Acceptance Notice 5A
n
Isolated DC Power: 5V at Up to 200mA
n
No External Components Required
n
1.62V to 5.5V Logic Supply for Flexible Digital
Interfacing
n
High Speed Operation
1Mbps for 250pF/3kΩ Load
250kbps for 1nF/3kΩ Load
100kbps for 2.5nF/3kΩ TIA/EIA-232-F Load
n
3.3V (LTM2882-3) or 5V (LTM2882-5) Operation
n
No Damage or Latchup to ±10kV HBM ESD on
Isolated RS232 Interface or Across Isolation Barrier
n
High Common Mode Transient Immunity: 30kV/μs
n
Maximum Continuous Working Voltage: 560VPEAK
n
True RS232 Compliant Output Levels
n
15mm
× 11.25mm BGA and LGA Packages
n
Isolated RS232 Interface
n
Industrial Communication
n
Test and Measurement Equipment
n
Breaking RS232 Ground Loops
1Mbps Operation
2882 TA01a
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
3.3V (LTM2882-3)
5V (LTM2882-5)
VL VCC
GND
GND2
ON
OFF
VCC2
DE
5V
AVAILABLE CURRENT:
150mA (LTM2882-5)
100mA (LTM2882-3)
400ns/DIV
DRIVER OUTPUTS TIED TO RECEIVER INPUTS
TOUT LOAD = 250pF + RIN
ROUT LOAD = 150pF
10V/DIV
5V/DIV
TIN
T1OUT/R1IN
T2OUT/R2IN
5V/DIV
2882 TA01b
R1OUT
R2OUT


Similar Part No. - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882 LINER-LTM2882 Datasheet
280Kb / 16P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
291Kb / 18P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2882 LINER-LTM2882 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2882 LINER-LTM2882 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver
LTM2882 LINER-LTM2882 Datasheet
280Kb / 16P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882_10 Datasheet
291Kb / 18P
Dual Isolated RS232 關Module Transceiver Power
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
LTM2882 LINER-LTM2882_15 Datasheet
390Kb / 22P
Dual Isolated RS232 Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Guangzhou Reicu Electro...
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
RS232 Isolated transceiver module
REV:15.4
logo
UN Semiconducctor INC
UN232 UNSEMI-UN232 Datasheet
3Mb / 7P
5V Supply Dual-Channel RS232 Transceiver
Revision March 1,2022
UN3232E-T UNSEMI-UN3232E-T Datasheet
3Mb / 8P
High ESD-Protected 3.3V Dual-Channel RS232 transceiver
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com