Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices LTM2882 Datasheet HTML 10Page - Analog Devices LTM2882 Datasheet HTML 11Page - Analog Devices LTM2882 Datasheet HTML 12Page - Analog Devices LTM2882 Datasheet HTML 13Page - Analog Devices LTM2882 Datasheet HTML 14Page - Analog Devices LTM2882 Datasheet HTML 15Page - Analog Devices LTM2882 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTM2882
12
2882fh
For more information www.linear.com/LTM2882
Figure 5. VCC and VL Are Independent
2882 F05
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
ANY VOLTAGE FROM
1.62V TO 5.5V
3.0V TO 3.6V LTM2882-3
4.5V TO 5.5V LTM2882-5
EXTERNAL
DEVICE
VL VCC
VCC2
GND
GND2
APPLICATIONS INFORMATION
Overview
TheLTM2882µModuletransceiverprovidesagalvanically-
isolatedrobustRS232interface,poweredbyanintegrated,
regulated DC/DC converter, complete with decoupling
capacitors. The LTM2882 is ideal for use in networks
where grounds can take on different voltages. Isolation in
the LTM2882 blocks high voltage differences, eliminates
ground loops and is extremely tolerant of common mode
transients between grounds. Error-free operation is main-
tained through common mode events greater than 30kV/
μs providing excellent noise isolation.
µModule Technology
The LTM2882 utilizes isolator µModule technology to
translate signals and power across an isolation barrier.
Signalsoneithersideofthebarrierareencodedintopulses
and translated across the isolation boundary using core-
less transformers formed in the µModule substrate. This
system, complete with data refresh, error checking, safe
shutdown on fail, and extremely high common mode im-
munity, provides a robust solution for bidirectional signal
isolation. The µModule technology provides the means
to combine the isolated signaling with our advanced dual
RS232 transceiver and powerful isolated DC/DC converter
in one small package.
DC/DC Converter
The LTM2882 contains a fully integrated isolated DC/DC
converter, including the transformer, so that no external
components are necessary. The logic side contains a full-
bridge driver, running at about 2MHz, and is AC-coupled
to a single transformer primary. A series DC blocking
capacitor prevents transformer saturation due to driver
duty cycle imbalance. The transformer scales the primary
voltage, and is rectified by a full-wave voltage doubler.
This topology eliminates transformer saturation caused
by secondary imbalances.
TheDC/DCconverterisconnectedtoalowdropoutregulator
(LDO) to provide a regulated low noise 5V output, VCC2.
An integrated boost converter generates a 7V VDD supply
andachargepumped–6.3VVEEsupply.VDDandVEEpower
the output stage of the RS232 drivers and are regulated
to levels that guarantee greater than ±5V output swing.
The internal power solution is sufficient to support the
transceiver interface at its maximum specified load and
data rate, and has the capacity to provide additional 5V
power on the isolated side VCC2 and GND2 pins. VCC and
VCC2 are each bypassed internally with 2.2µF ceramic
capacitors.
VL Logic Supply
A separate logic supply pin VL allows the LTM2882 to in-
terface with any logic signal from 1.62V to 5.5V as shown
in Figure 5. Simply connect the desired logic supply to VL.
There is no interdependency between VCC and VL; they
may simultaneously operate at any voltage within their
specified operating ranges and sequence in any order. VL
is bypassed internally by a 2.2µF capacitor.
Hot Plugging Safely
Caution must be exercised in applications where power is
plugged into the LTM2882’s power supplies, VCC or VL,
due to the integrated ceramic decoupling capacitors. The
parasitic cable inductance along with the high Q char-
acteristics of ceramic capacitors can cause substantial
ringing which could exceed the maximum voltage ratings
and damage the LTM2882. Refer to Analog Devices Ap-
plication Note 88, entitled “Ceramic Input Capacitors Can
Cause Overvoltage Transients” for a detailed discussion
and mitigation of this phenomenon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com