Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 2 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTM2882
2
2882fh
For more information www.linear.com/LTM2882
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................. –0.3V to 6V
VL to GND .................................................... –0.3V to 6V
VCC2 to GND2............................................... –0.3V to 6V
Logic Inputs
T1IN, T2IN, ON, DIN to GND........–0.3V to (VL + 0.3V)
DE to GND2.............................–0.3V to (VCC2 + 0.3V)
Logic Outputs
R1OUT, R2OUT to GND...............–0.3V to (VL + 0.3V)
DOUT to GND2........................–0.3V to (VCC2 + 0.3V)
Driver Output Voltage
T1OUT, T2OUT to GND2...........................–15V to 15V
Receiver Input Voltage
R1IN, R2IN to GND2 ............................... –25V to 25V
Operating Temperature Range (Note 4)
LTM2882C .........................................0°C ≤ TA ≤ 70°C
LTM2882I ..................................... –40°C ≤ TA ≤ 85°C
LTM2882H.................................. –40°C ≤ TA ≤ 105°C
Maximum Internal Operating Temperature............ 125°C
Storage Temperature Range .................. –40°C to 125°C
Peak Package Body Reflow Temperature .............. 245°C
(Note 1)
VCC
GND
GND2
A
B
C
D
E
F
G
H
I
J
K
L
1
2
3
4
5
6
7
8
LGA PACKAGE
32-PIN (15mm
× 11.25mm × 2.8mm)
TJMAX = 125°C,
θJA = 29°C/W, θJCtop = 27.9°C/W,
θJCbottom = 18°C/W, θJB = 22.7°C/W,
WEIGHT = 1.1g
BGA PACKAGE
32-PIN (15mm
× 11.25mm × 3.42mm)
TJMAX = 125°C,
θJA = 30°C/W, θJCtop = 27.8°C/W,
θJCbottom = 19.3°C/W, θJB = 24°C/W,
WEIGHT = 1.1g
TOP VIEW
VCC2
VL
ON
DIN
T1IN
R1OUT
T2IN
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
R2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com