Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 9Page - Analog Devices LTM2882 Datasheet HTML 10Page - Analog Devices LTM2882 Datasheet HTML 11Page - Analog Devices LTM2882 Datasheet HTML 12Page - Analog Devices LTM2882 Datasheet HTML 13Page - Analog Devices LTM2882 Datasheet HTML 14Page - Analog Devices LTM2882 Datasheet HTML 15Page - Analog Devices LTM2882 Datasheet HTML 16Page - Analog Devices LTM2882 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTM2882
13
2882fh
For more information www.linear.com/LTM2882
Channel Timing Uncertainty
Multiplechannelsaresupportedacrosstheisolationbound-
ary by encoding and decoding of the inputs and outputs.
ThetechniqueusedassignsT1IN/R1INthehighestpriority
such that there is no jitter on the associated output chan-
nels T1OUT/R1OUT, only delay. This preemptive scheme
will produce a certain amount of uncertainty on T2IN/
R2IN to T2OUT/R2OUT and DIN to DOUT. The resulting
pulse width uncertainty on these low priority channels is
typically ±6ns, but may vary up to about 40ns.
Half-Duplex Operation
The DE pin serves as a low-latency driver enable for half-
duplex operation. The DE pin can be easily driven from
the logic side by using the uncommitted auxiliary digital
channel, DIN to DOUT. Each driver is enabled and disabled
in less than 2µs, while each receiver remains continuously
active. This mode of operation is illustrated in Figure 6.
APPLICATIONS INFORMATION
Figure 6. Half-Duplex Configuration Using DOUT to Drive DE
2882 F06
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
3.3V (LTM2882-3)
5V (LTM2882-5)
VL VCC
VCC2
GND
GND2
TX
RX
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short-circuits to
any voltage within the absolute maximum range of ±15V
relative to GND2. The maximum current is limited to no
more than 70mA to maintain a safe power dissipation and
prevent damaging the LTM2882.
Receiver Overvoltage and Open Circuit
The receiver inputs are protected from common mode
voltages of ±25V relative to GND2.
Each receiver input has a nominal input impedance of 5kΩ
relative to GND2. An open circuit condition will generate a
logic high on each receiver’s respective output pin.
RF, Magnetic Field Immunity
The LTM2882 has been independently evaluated and has
successfully passed the RF and magnetic field immunity
testing requirements per European Standard EN 55024,
in accordance with the following test standards:
EN 61000-4-3
Radiated, Radio-Frequency,
Electromagnetic Field Immunity
EN 61000-4-8
Power Frequency
Magnetic Field Immunity
EN 61000-4-9
Pulsed Magnetic Field Immunity
Tests were performed using an unshielded test card de-
signed per the data sheet PCB layout recommendations.
Specific limits per test are detailed in Table 1.
Table 1
TEST
FREQUENCY
FIELD STRENGTH
EN 61000-4-3, Annex D
80MHz to 1GHz
10V/m
1.4MHz to 2GHz
3V/m
2GHz to 2.7GHz
1V/m
EN 61000-4-8, Level 4
50Hz and 60Hz
30A/m
EN 61000-4-8, Level 5
60Hz
100A/m*
EN 61000-4-9, Level 5
Pulse
1000A/m
*Non IEC Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com