Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 14Page - Analog Devices LTM2882 Datasheet HTML 15Page - Analog Devices LTM2882 Datasheet HTML 16Page - Analog Devices LTM2882 Datasheet HTML 17Page - Analog Devices LTM2882 Datasheet HTML 18Page - Analog Devices LTM2882 Datasheet HTML 19Page - Analog Devices LTM2882 Datasheet HTML 20Page - Analog Devices LTM2882 Datasheet HTML 21Page - Analog Devices LTM2882 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTM2882
22
2882fh
For more information www.linear.com/LTM2882
LT 0218 REV H • PRINTED IN USA
www.linear.com/LTM2882
ANALOG DEVICES, INC. 2010
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LTM2881
Isolated RS485/RS422 µModule Transceiver with
Low EMI Integrated DC/DC Converter
20Mbps, ±15kV HBM ESD, 2500VRMS Isolation with 1W Power
LTC2870/LTC2871 RS232/RS485 Multiprotocol Transceivers with
Integrated Termination
20Mbps RS485 and 500kbps RS232, ±26kV ESD, 3V to 5V Operation
LTC2804
1Mbps RS232 Transceiver
Dual Channel, Full-Duplex, ±10kV HBM ESD
LTC1535
Isolated RS485 Transceiver
2500 VRMS Isolation with External Transformer Driver
LTM2883
SPI/Digital or I2C Isolated µModule with Adjustable
5V and 12V Rails
2500 VRMS Isolation with Power in BGA Package
LTM2892
SPI/Digital or I2C Isolated µModule
3500 VRMS Isolation, 6 Channels
Figure 16. Isolated Gate Drive with Overcurrent Detection
Figure 14. Isolated RS232 Interface with Handshaking
Figure 15. Isolated Dual Inverting Level Translator
2882 F14
ON
DIN
T1IN
R2OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
µC
PERIPHERAL
VL VCC
RX
TX
RTS
CTS
TXD
RXD
PY
PZ
VCC2
GND
GND2
3.3V (LTM2882-3)
5V (LTM2882-5)
2882 F15
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
VL VCC
GND
3.3V (LTM2882-3)
5V (LTM2882-5)
GND2
1.62V TO 5.5V
ON
OFF
VL
0V
VL
0V
–25V TO 0V
3V TO 25V
–25V TO 0V
3V TO 25V
2882 F16
ON
DIN
T1IN
R1OUT
T2IN
R2OUT
DE
DOUT
T1OUT
R1IN
T2OUT
R2IN
LTM2882
VL VCC
VCC2
GND
GND2
+VS
3k
IRLML2402
IRLML6402
470pF
1k
1k
3.3V (LTM2882-3)
5V (LTM2882-5)
RESET
FAULT
PWMA
PWMB
RILIM = 0.6/MAX CURRENT
47pF
CMPT2369-LTV
3k
LOGIC
LEVEL
FETS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com