Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices LTM2882 Datasheet HTML 10Page - Analog Devices LTM2882 Datasheet HTML 11Page - Analog Devices LTM2882 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTM2882
8
2882fh
For more information www.linear.com/LTM2882
VCC2 Load Step Response
100µs/DIV
50mA/DIV
200mV/DIV
2882 G18
VCC2 Ripple and Noise
VCC2 Power Efficiency
10µs/DIV
100mV/DIV
2882 G17
T1IN = 250kbps
T1OUT, T2OUT, RL = 3k
LOAD CURRENT (mA)
0
70
60
20
30
50
40
10
1.2
1.0
0.2
0.4
0.8
0.6
0
200
250
100
2882 G16
300
150
50
LTM2882-3
LTM2882-5
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, LTM2882-3 VCC = 3.3V, LTM2882-5
VCC = 5V, VL = 3.3V, and GND = GND2 = 0V, ON = VL unless otherwise noted.
VCC2 Surplus Current
vs Temperature
TEMPERATURE (°C)
–50
300
200
50
150
250
100
0
50
0
100
2882 G15
125
25
–25
75
T1OUT AND T2OUT
BAUD = 100kbps
RL = 3k, CL = 2.5nF
VCC2 = 4.8V
VCC = 3.3V
LTM2882-3
VCC = 5.0V
LTM2882-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com