Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 3 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTM2882
3
2882fh
For more information www.linear.com/LTM2882
ORDER INFORMATION
PART NUMBER
INPUT
VOLTAGE
PAD OR BALL
FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2882CY-3#PBF
3V to 3.6V
SAC305
(RoHS)
LTM2882Y-3
e1
BGA
3
0°C to 70°C
LTM2882IY-3#PBF
–40°C to 85°C
LTM2882HY-3#PBF
–40°C to 105°C
LTM2882CY-5#PBF
4.5V to 5.5V
LTM2882Y-5
0°C to 70°C
LTM2882IY-5#PBF
–40°C to 85°C
LTM2882HY-5#PBF
–40°C to 105°C
LTM2882CV-3#PBF
3V to 3.6V
Au (RoHS)
LTM2882V-3
e4
LGA
0°C to 70°C
LTM2882IV-3#PBF
–40°C to 85°C
LTM2882CV-5#PBF
4.5V to 5.5V
LTM2882V-5
0°C to 70°C
LTM2882IV-5#PBF
–40°C to 85°C
• Device temperature grade is indicated by a label on the shipping
container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to: www.linear.com/BGA-assy
• Recommended BGA and LGA PCB Assembly and Manufacturing
Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/umodule/pcbassembly
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. LTM2882-3 VCC = 3.3V, LTM2882-5 VCC = 5.0V, VL = VCC, and GND =
GND2 = 0V, ON = VL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VCC
Input Supply Range
LTM2882-3
l
3.0
3.3
3.6
V
LTM2882-5
l
4.5
5.0
5.5
V
VL
Logic Supply Range
l
1.62
5.5
V
ICC
Input Supply Current
ON = 0V
l
0
10
µA
LTM2882-3, No Load
l
24
30
mA
LTM2882-5, No Load
l
17
25
mA
VCC2
Regulated Output Voltage, Loaded
LTM2882-3 DE = 0V, ILOAD = 100mA
l
4.7
5.0
V
LTM2882-5 DE = 0V, ILOAD = 150mA
l
4.7
5.0
V
VCC2(NOLOAD) Regulated Output Voltage, No Load
DE = 0, No Load
4.8
5.0
5.35
V
Efficiency
ICC2 = 100mA, LTM2882-5 (Note 2)
65
%
ICC2
Output Supply Short-Circuit Current
200
mA
Driver
VOLD
Driver Output Voltage Low
RL = 3kΩ
l
–5
–5.7
V
VOHD
Driver Output Voltage High
RL = 3kΩ
l
5
6.2
V
IOSD
Driver Short-Circuit Current
VT1OUT, VT2OUT = 0V, VCC2 = 5.5V
l
±35
±70
mA
IOZD
Driver Three-State (High Impedance)
Output Current
DE = 0V, VT1OUT, VT2OUT = ±15V
l
±0.1
±10
µA
http://www.linear.com/product/LTM2882#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com