Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM2882
Description  Dual Isolated RS232 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices LTM2882 Datasheet HTML 10Page - Analog Devices LTM2882 Datasheet HTML 11Page - Analog Devices LTM2882 Datasheet HTML 12Page - Analog Devices LTM2882 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTM2882
9
2882fh
For more information www.linear.com/LTM2882
TEST CIRCUITS
Figure 3. Receiver Timing Measurement
Figure 4. Auxiliary Channel Timing Measurement
2882 F03
RIN
ROUT
CL
tPHLR
tPLHR
tFR
tRR
10%
½VL
90%
90%
10%
1.5V
3V
VOL
VOH
–3V
RIN
ROUT
tr, tf ≤ 40ns
2882 F04
DIN
DOUT
CL
tPLHL
tPHLL
tRL
tFL
90%
10%
10%
90%
½VL
½VCC2
VL
VOH
VOL
0V
DIN
DOUT
Figure 1. Driver Slew Rate and Timing Measurement
Figure 2. Driver Enable/Disable Times
2882 F01
RL
TIN
TOUT
CL
tPLHD
tPHLD
tTHL
tTLH
3V
0V
–3V
½VL
VL
VOLD
VOHD
0V
TIN
TOUT
tr, tf ≤ 40ns
2882 F02
RL
DE
TOUT
tr, tf ≤ 40ns
0 OR VL
CL
tPZHD
tPZLD
tPHZD
tPLZD
VOLD – 0.5V
VOHD – 0.5V
½VCC2
VCC2
VOHD
VOLD
0V
0V
0V
TOUT
TOUT
DE
–5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com