Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 26Page - Analog Devices LTM4653 Datasheet HTML 27Page - Analog Devices LTM4653 Datasheet HTML 28Page - Analog Devices LTM4653 Datasheet HTML 29Page - Analog Devices LTM4653 Datasheet HTML 30Page - Analog Devices LTM4653 Datasheet HTML 31Page - Analog Devices LTM4653 Datasheet HTML 32Page - Analog Devices LTM4653 Datasheet HTML 33Page - Analog Devices LTM4653 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTM4653
34
Rev. B
For more information LTM4653
 ANALOG DEVICES, INC. 2018-2022
10/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Figure 37. Concurrent ±12V Supply. See Figure 36 for Output Voltage Start-Up Waveforms
VOUT
VOSNS
SGND
PGND
PGDFB
IMONa
IMONb
ISETb
ISETa
TEMP+
TEMP–
PGOOD
EXTVCC
INTVCC
fSET
COMPa
COMPb
CLKIN
RUN
GND
NC
SW
VD
SVIN
VIN
VINREG
U1
LTM4653
U2
LTM4651
VOUT
12V
UP TO 4A
RPGDFB1
95.3k
RPGDPUP
100k
COUTH
22µF
×2
INTVCC1
IOUT
LOAD
PGOOD
ANALOG OUTPUT
CURRENT INDICATOR,
VIMON = 0.25 • IOUT
REXTVCC1
49.9Ω
CEXTVCC1
1µF
RfSET1
124k
CTH
10nF
RTH
499
RISET1
240k
CSS
10nF
CINH1
4.7 F
RA
105k
CD1
4.7 F
INTVCC1
VIN
15V TO 46V
CINOUT
4.7µF
CINH2
4.7µF
CDGND
4.7µF
CD2
4.7µF
RB
10k
RfSET2
124k
RISET2
240k||10k
fSET
COMPb
COMPa
VINREG
INTVCC
CLKIN
RUN
ISETa ISETb
VD
SVIN
VIN
VOUT–
SVOUT–
PGND
GND
PGDFB
4653 F37
PGOOD
D1*
*D1: CENTRAL SEMI
P/N CMMSH1-40L
EXTVCC
GNDSNS
TEMP+
TEMP–
COUT2
22µF
LOAD
REXTVCC2
49.9Ω
RTRACK
10k
CEXTVCC2
1µF
VOUT–
–12V
UP TO 3.25A
RPGDFB2
95.3k
NC
SW
PART NUMBER DESCRIPTION
COMMENTS
LTM4651
EN55022B Compliant, 58VIN, 24W Inverting-Output
μModule Regulator
3.6V ≤ VIN ≤ 58V, –26.5V ≤ VOUT ≤ –0.5V, IOUT ≤ 4A,
15mm × 9mm × 5.01mm BGA
LTM8045
SEPIC or Inverting µModule DC/DC Converter
2.8V ≤ VIN ≤ 18V, ±2.5V ≤ VOUT ≤ ±15V. IOUT(DC) ≤ 700mA,
6.25mm × 11.25mm × 4.92mm BGA
LTM8049
Dual, SEPIC and/or Inverting µModule DC/DC Converter
2.6V ≤ VIN ≤ 20V, ±2.5V ≤ VOUT ≤ ±24V. IOUT(DC) ≤ 1A/Channel,
9mm × 15mm × 2.42mm BGA
LTM8071
60V, 5A Step-Down µModule Regulator
3.6V ≤ VIN ≤ 60V, 0.97V ≤ VOUT ≤ 15V, 9mm ×11.25mm × 3.32mm BGA
LTM8073
60V, 3A Step-Down µModule Regulator
3.4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 15V. 6.25mm × 9mm × 3.32mm BGA
LTM8064
58V, ±6A CVCC Step-Down µModule Regulator
6V ≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 36V, 11.9mm × 16mm × 4.92mm BGA
LTM4613
EN55022B Compliant, 36V, 8A µModule Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, 15mm × 15mm × 4.32mm LGA, and
15mm × 15mm × 4.92mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com