Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 13Page - Analog Devices LTM4653 Datasheet HTML 14Page - Analog Devices LTM4653 Datasheet HTML 15Page - Analog Devices LTM4653 Datasheet HTML 16Page - Analog Devices LTM4653 Datasheet HTML 17Page - Analog Devices LTM4653 Datasheet HTML 18Page - Analog Devices LTM4653 Datasheet HTML 19Page - Analog Devices LTM4653 Datasheet HTML 20Page - Analog Devices LTM4653 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LTM4653
17
Rev. B
For more information LTM4653
APPLICATIONS INFORMATION
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitors (CD and CINH) of the LTM4653. However,
these capacitors can cause problems if the LTM4653 is
plugged into a live supply (see Analog Devices Application
Note 88 for a complete discussion). The low loss ceramic
capacitor combined with stray inductance in series with the
power source forms an under damped tank circuit, and the
voltage at the VIN pin of the LTM4653 can ring to twice the
nominal input voltage, possibly exceeding the LTM4653’s
rating and damaging the part. If the input supply is poorly
controlled or the user will be plugging the LTM4653 into an
energized supply, the input network should be designed to
prevent this overshoot by introducing a damping element
into the path of current flow. This is often done by adding
an inexpensive electrolytic bulk capacitor (CINL) across the
input terminals of the LTM4653. The selection criteria for
CINL calls for: an ESR high enough to damp the ringing; a
capacitance value several times larger than CINH. CINL does
not need to be located physically close to the LTM4653;
it should be located close to the application board’s input
connector, instead.
Input Disconnect/Input Short Considerations
If at any point the input supply is removed with the output
voltage still held high through its capacitor, power will be
drawn from the output capacitor to power the module,
until the output voltage drops below the minimum SVIN/
VIN requirements of the module.
However, if the SVIN/VIN pins are grounded while the out-
put is held high, regardless of the RUN state, parasitic
body diodes inside the LTM4653 will pull current from the
output through the VOUT pins. Depending on the size of
the output capacitor and the resistivity of the short, high
currents may flow through the internal body diode, and
cause damage to the part. If discharge of SVIN/VIN by the
input source is possible, preventative measures should be
taken to prevent current flow through the internal body
diode. Simple solutions would be placing a Schottky diode
in series with the supply (Figure 3), or placing a Schottky
diode from VOUT to SVIN/VIN (Figure 4). Applications with
loads that experience large load-step release, load dump
or other mechanisms that invoke reverse energy flow in
the Figure 3 circuit may need a suitably-rated Zener diode
protection clamp, to limit the resulting transient voltage
rise on SVIN/VIN and CIN.
Figure 3. Schottky Diode in Series with the Supply
Figure 4. Schottky Diode from VOUT to VIN
CIN
OPT
4.7µF
VIN
SVIN
VIN
LTM4653
4653 F03
CIN
4.7µF
COUT
47µF
VIN
SVIN
VIN
VOUT
VOUT
LTM4653
4653 F04
INTVCC and EXTVCC Connection
When RUN is logic high, an internal low dropout regula-
tor regulates an internal supply, INTVCC, that powers the
control circuitry for driving LTM4653’s internal MOSFETs.
INTVCC is regulated at 3.3V. In this manner, the LTM4653’s
INTVCC is directly powered from SVIN, by default. The gate
driver current through the LDO is about 20mA for a typical
1MHz application. The internal LDO power dissipation can
be calculated as:
PLDO_LOSS(INTVCC) = 20mA •(SVIN – 3V)
The LDO draws current off of EXTVCC instead of SVIN
when EXTVCC is higher than 3.2V and SVIN is above 5V.
For output voltages of 4V and higher, EXTVCC can be con-
nected to VOUT through an RC-filter. When the internal
LDO derives power from EXTVCC instead of SVIN, the
internal LDO power dissipation is:
PLDO_LOSS(EXTVCC) = 20mA •(VOUT − 3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com