Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 24Page - Analog Devices LTM4653 Datasheet HTML 25Page - Analog Devices LTM4653 Datasheet HTML 26Page - Analog Devices LTM4653 Datasheet HTML 27Page - Analog Devices LTM4653 Datasheet HTML 28Page - Analog Devices LTM4653 Datasheet HTML 29Page - Analog Devices LTM4653 Datasheet HTML 30Page - Analog Devices LTM4653 Datasheet HTML 31Page - Analog Devices LTM4653 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTM4653
28
Rev. B
For more information LTM4653
APPLICATIONS INFORMATION
Figure 31. Recommend PCB Layout, Package Top View
TYPICAL APPLICATION
Figure 32. 4A, 24V Output DC/DC μModule Regulator
GND
VIN
VOUT
GND
4653 F31
VIN
SVIN
VD
RUN
GND
VOUT
VOSNS
PGND
PGOOD
IMONa
IMONb
ISETb
ISETa
TEMP+
TEMP–
EXTVCC
PGDFB
24VOUT,
UP TO 4A
COUTH
10µF
×2
SGND
RPGDFB
196k
RPGDPUP
100k
REXTVCC
100
CEXTVCC
1µF
0.1µF
470pF
RISET
481k
RfSET
90.9k
CD
4.7 F
CINH
4.7 F
INTVCC
INTVCC
INTVCC
CTH
10nF
VINREG
CLKIN
4653 F32
NC
SW
LTM4653
OPTIONAL ANALOG OUTPUT
TEMPERATURE INDICATOR
COMPa
COMPb
fSET
VIN
48V
LOAD
D+
D–
VCC VREF
VPTAT
GND
LTC2997
4mV/K
RTH
499



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com