Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 4Page - Analog Devices LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices LTM4653 Datasheet HTML 9Page - Analog Devices LTM4653 Datasheet HTML 10Page - Analog Devices LTM4653 Datasheet HTML 11Page - Analog Devices LTM4653 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTM4653
8
Rev. B
For more information LTM4653
PIN FUNCTIONS
VIN (A1–A3, B3): Power Input Pins. Apply input voltage
and input decoupling capacitance directly between VIN
and a ground (PGND) plane.
VD(A4,B4,C4):DrainoftheConverter’sPrimarySwitching
MOSFET. Apply at minimum one 4.7µF high frequency
ceramic decoupling capacitor directly from VD to PGND.
Give this capacitor higher layout priority (closer proximity
to the module) than any VIN decoupling capacitors.
PGND (A5, B5, C5, D5, E5, F5, G4-5, H3, H5, J3-J5,
K4-K5, L4-L5): Power Ground Pins of the LTM4653.
Connect all pins to the application’s PGND plane.
NC (A6-A7, B2, B6-B7, C6-C7, D6-D7, E6-E7, F6-F7,
G6-G7, H6-H7, K6-K7, L6-L7): No connect pins, i.e., pins
with no internal connection. The NC pins predominantly
serve to provide improved mounting of the module to the
board. In one’s layout, NC pins are permitted to remain
electrically unconnected or can be connected as desired,
e.g., connected to a GND plane for heat-spreading pur-
poses and/or to facilitate routing.
CLKIN (B1): Mode Select and Oscillator Synchronization
Input. Leave CLKIN open circuit for forced continuous
mode operation. Alternatively, this pin can be driven to
synchronize the switching frequency of the LTM4653 to
a clock signal. In this condition, the LTM4653 operates
in forced continuous mode and the cycle-by-cycle turn-
on of the primary power MOSFET MT is coincident with
the rising edge of the clock applied to CLKIN. Note the
synchronization range of CLKIN is approximately ±40%
of the oscillator frequency programmed by the fSET pin.
(See the Applications Information section.)
IMONb (C1): Power Inductor Analog Indicator Current
Default Termination R-C Network. A 10k resistor in parallel
with a 10nF capacitor and terminating to SGND connect
to this pin. Connect IMONb to IMONa to achieve default
power inductor analog indicator current characteristics:
1V at full-scale (4A) load current. (See IMONa.)
IMONa (C2): Power Inductor Current Analog Indicator Pin
and Current Limit Programming Pin. The current flowing
out of this pin is equal to 1/40,000 of the average power
inductor current. To construct a voltage (VIMONa) that is
proportional to the power inductor current, optionally
apply a parallel resistor-capacitor network to this pin and
terminate it to SGND.
IMONa can be connected to IMONb if the default resis-
tor-capacitor termination network provided by IMONb is
desired: 1V at full-scale (4A) load current. (See IMONb.)
If this analog indicator feature is not desired, connect
IMONa to SGND.
If IMONa ever exceeds a trip threshold of approximately
2V, an IMON control loop servos VOUT to decrease power
inductor current and thus regulate IMONa at 2V. In this
manner, the average current limit inception threshold of
the LTM4653 can be configured. (See the Applications
Information section.)
SVIN (C3): Input Voltage Supply for Small-Signal Circuits.
SVIN is the input to the INTVCC LDO. Connect SVIN directly
to VIN. No decoupling capacitor is needed on this pin.
PGOOD (D1): Power Good Indicator, Open-Drain Output
Pin. PGOOD is high impedance when PGDFB is within
approximately ±7.5% of 0.6V. PGOOD is pulled to GND
when PGDFB is outside this range.
PGDFB (D2): Power Good Feedback Programming Pin.
Connect PGDFB to VOSNS through a resistor, RPGDFB.
RPGDFB configures the voltage threshold of VOUT for which
PGOOD toggles its state. If the PGOOD feature is used,
set RPGDFB to:
RPGDFB =
VOUT
0.6V
– 1 • 4.99k
otherwise, leave PGDFB open circuit.
A small filter capacitor (220pF) internal to the LTM4653
on this pin provides high frequency noise immunity for
the PGOOD output indicator.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com