Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 25Page - Analog Devices LTM4653 Datasheet HTML 26Page - Analog Devices LTM4653 Datasheet HTML 27Page - Analog Devices LTM4653 Datasheet HTML 28Page - Analog Devices LTM4653 Datasheet HTML 29Page - Analog Devices LTM4653 Datasheet HTML 30Page - Analog Devices LTM4653 Datasheet HTML 31Page - Analog Devices LTM4653 Datasheet HTML 32Page - Analog Devices LTM4653 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTM4653
29
Rev. B
For more information LTM4653
Figure 33. Start-Up Waveforms at 48VIN, Figure 32 Circuit
1ms/DIV
VOUT
10V/DIV
PGOOD
5V/DIV
RUN
5V/DIV
4653 F33
Figure 34. 24V Output at Up to 8A from 48V Input, 2-Phase Parallel with Analog Output Current Indicator
TYPICAL APPLICATIONS
ISETa
ISETb
U2
LTM4653
RfSET
90.9k
RISET
240k
CTH
10nF
RTH
499
fSET
4653 F34
ISETa
ISETb
U1
LTM4653
24VOUT
UP TO 8A
LOAD
RfSET1
90.9k
CD
4.7 F
CINH
4.7 F
fSET
CINH
4.7 F
CD
4.7 F
RPGDFB1
196k
REXTVCC
100Ω
RPGDPUP
100k
CEXTVCC
1µF
COUT
22µF
×2
OUT1
OUT2
MOD
VIN
48V
V+
SET
GND
LTC6908-1
RSET
66.5k
INTVCC1
0.1µF
REXTVCC
100Ω
CEXTVCC
1µF
RPGDFB2
196k
VOUT
IOUT1
VOSNS
EXTVCC
SGND
PGND
PGDFB
PGOOD
PGOOD
ANALOG OUTPUT
CURRENT INDICATOR
VIMON = 0.125 • (IOUT1 + IOUT2)
IMONa
IMONb
TEMP+
TEMP–
COMPa
COMPb
VINREG
INTVCC
CLKIN
GND
RUN
NC
SW
VD
SVIN
VIN
VOUT
VOSNS
PGND
PGDFB
IMONa
IMONb
PGOOD
SGND
EXTVCC
TEMP+
TEMP–
COMPa
COMPb
VINREG
INTVCC
CLKIN
GND
RUN
NC
SW
VD
SVIN
VIN
INTVCC1
IOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com