Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices LTM4653 Datasheet HTML 9Page - Analog Devices LTM4653 Datasheet HTML 10Page - Analog Devices LTM4653 Datasheet HTML 11Page - Analog Devices LTM4653 Datasheet HTML 12Page - Analog Devices LTM4653 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTM4653
9
Rev. B
For more information LTM4653
VINREG (D3): Input Voltage Regulation Programming
Pin. Optionally connect this pin to the midpoint node
formed by a resistor-divider between VD and SGND. When
the voltage on VINREG falls below approximately 2V, a
VINREG control loop servos VOUT to decrease the power
inductor current and thus regulate VINREG at 2V. (See
the Applications Information section.)
If this input voltage regulation feature is not desired, con-
nect VINREG to INTVCC.
GND (D4): Ground Pin of the LTM4653. Electrically con-
nect to the application’s PGND plane.
COMPb (E1): Internal Loop Compensation Network. For
most applications, the internal, default loop compen-
sation of the LTM4653 is suitable to apply “as is”, and
yields very satisfactory results: apply the default loop
compensation to the control loop by simply connecting
COMPa to COMPb. When more specialized applications
require a personal touch to the optimization of control
loop response, this can be accomplished by connecting a
series resistor-capacitor network from COMPa to SGND—
and leaving COMPb open circuit.
COMPa (E2): Current Control Threshold and Error
Amplifier Compensation Node. The trip threshold of
LTM4653’s current comparator increases with a corre-
sponding rise in COMPa voltage. A small filter cap (10pF)
internal to the LTM4653 on this pin introduces a high-
frequency roll-off of the error-amplifier response, yielding
good noise rejection in the control-loop. COMPa is often
electrically connected to COMPb in one’s application, thus
applying default loop compensation. Loop compensation
(a series resistor-capacitor) can be applied externally to
COMPa if desired or needed, instead. (See COMPb.)
fSET (E3): Oscillator Frequency Programming Pin. The
default switching frequency of the LTM4653 is 400kHz.
Often, it is necessary to increase the programmed fre-
quency by connecting a resistor between fSET and SGND.
(See the Applications Information section.) Note that the
synchronization range of CLKIN is approximately ±40%
of the oscillator frequency programmed by the fSET pin.
SGND (E4, G2, H2): Signal Ground Pins of the LTM4653.
Connect Pin H2 to PGND directly under the LTM4653. The
SGND pins at locations E4 and G2 are electrically con-
nected to each other internal to the module, and thus it is
only necessary to connect one SGND pin to PGND under
the module. The remaining SGND pins can be used for
redundant connectivity or routed to an ICT test point for
design-for-test considerations, as desired.
ISETb (F1): 1.5nF Soft-Start Capacitor. Connect ISETb
to ISETa to achieve default soft-start characteristics, if
desired. See ISETa.
ISETa (F2): Accurate 50μA Current Source. Positive input
to the error amplifier. Connect a resistor (RISET) from this
pin to SGND to program the desired LTM4653 output volt-
age, VOUT = RISET • 50μA. A capacitor can be connected
from ISETa to SGND to soft-start the output voltage and
reduce start-up inrush current. Connect ISETa to ISETb in
order to achieve default soft-start, if desired. (See ISETb.)
In addition, the output of the LTM4653 can track a voltage
applied between the ISETa pin and the SGND pins. (See
the Applications Information section.)
EXTVCC (F3): External Bias, Auxiliary Input to the INTVCC
Regulator. When EXTVCC exceeds 3.2V and SVIN exceeds
5V, the INTVCC LDO derives power from EXTVCC bias
instead of the SVIN path. This technique can reduce LDO
losses considerably, resulting in a corresponding reduc-
tion in module junction temperature. For applications
in which 4V ≤ VOUT ≤ 26.5V, connect EXTVCC to VOUT
through a resistor. (See the Applications Information sec-
tion for resistor value.) When taking advantage of this
EXTVCC feature, locally decouple EXTVCC to PGND with
a 1µF ceramic—otherwise, leave EXTVCC open circuit.
RUN (F4): Run Control Pin. A voltage above 1.2V
commands the Module to regulate its output voltage.
Undervoltage lockout (UVLO) can be implemented by
connecting RUN to the midpoint node formed by a resis-
tor-divider between VIN and GND. RUN features 130mV
of hysteresis. See the Applications Information section.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com