Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 17Page - Analog Devices LTM4653 Datasheet HTML 18Page - Analog Devices LTM4653 Datasheet HTML 19Page - Analog Devices LTM4653 Datasheet HTML 20Page - Analog Devices LTM4653 Datasheet HTML 21Page - Analog Devices LTM4653 Datasheet HTML 22Page - Analog Devices LTM4653 Datasheet HTML 23Page - Analog Devices LTM4653 Datasheet HTML 24Page - Analog Devices LTM4653 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTM4653
21
Rev. B
For more information LTM4653
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal oper-
ating conditions of a µModule regulator. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4653, be aware there are multiple power
devices and components dissipating power with a con-
sequence that the thermal resistances relative to differ-
ent junctions of components or die are not exactly linear
with respect to total package power loss. To reconcile this
complication without sacrificing modeling simplicity—but
also not ignoring practical realities—an approach has been
taken using FEA software modeling along with laboratory
testing in a controlled-environment chamber to reason-
ably define and correlate the thermal resistance values
supplied in this data sheet: (1) Initially, FEA software is
used to accurately build the mechanical geometry of the
LTM4653 and the specified PCB with all of the correct
material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
defined JEDEC environment consistent with JESD51-9 and
JESD51-12 to predict power loss heat flow and temperature
readings at different interfaces that enable the calculation
of the JEDEC-defined thermal resistance values; (3) the
model and FEA software is used to evaluate the LTM4653
with heat sink and airflow; (4) having solved for and ana-
lyzed these thermal resistance values and simulated various
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled environment cham-
ber while operating the device at the same power loss as
that which was simulated. The outcome of this process
and due diligence yields the set of derating curves pro-
vided in later sections of this data sheet, along with well-
correlated JESD51-12-defined θ values provided in the Pin
Configuration section of this data sheet.
The 1V, 5V, and 15V and 24V power loss curves in
Figure 10, Figure 11 and Figure 12 respectively can be
used in coordination with the load current derating curves
in Figure 13 to Figure 30 for calculating an approximate
θJA thermal resistance for the LTM4653 with various heat
sinking and air flow conditions. These thermal resistances
represent demonstrated performance of the LTM4653 on
DC2327A hardware; a 4-layer FR4 PCB measuring 99mm
× 133mm × 1.6mm using outer and inner copper weights
of 2oz and 1oz, respectively. The power loss curves
are taken at room temperature, and are increased with
multiplicative factors with ambient temperature. These
approximate factors are listed in Table 1. (Compute the
factor by interpolation, for intermediate temperatures.)
The derating curves are plotted with the LTM4653’s
output initially sourcing 4A and the ambient temperature
at 20°C. The output voltages are 1V, 5V, 15V and 24V.
These are chosen to include the lower and higher output
voltage ranges for correlating the thermal resistance. In
all derating curves, the switching frequency of operation
follows guidance provided by Table 7. Thermal models
are derived from several temperature measurements in
a controlled temperature chamber along with thermal
modeling analysis. The junction temperatures are
monitored while ambient temperature is increased with
and without air flow, and with and without a heat sink
attached with thermally conductive adhesive tape. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at 120°C maximum while lowering output
current or power while increasing ambient temperature.
The decreased output current decreases the internal
module loss as ambient temperature is increased. The
monitored junction temperature of 120°C minus the
ambient operating temperature specifies how much
module temperature rise can be allowed. As an example
in Figure 27, the load current is derated to 2.5A at 70°C
ambient with 200LFM airflow and no heat sink and the
room temperature (25°C) power loss for this 48VIN to
24VOUT at 2.5AOUT condition is 3.9W. A 4.5W loss is
calculated by multiplying the 3.9W room temperature
loss from the 48VIN to 24VOUT power loss curve at
2.5A (Figure 12) with the 1.15 multiplying factor at 70°C
ambient (from Table 1). If the 70°C ambient temperature
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com