Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 8Page - Analog Devices LTM4653 Datasheet HTML 9Page - Analog Devices LTM4653 Datasheet HTML 10Page - Analog Devices LTM4653 Datasheet HTML 11Page - Analog Devices LTM4653 Datasheet HTML 12Page - Analog Devices LTM4653 Datasheet HTML 13Page - Analog Devices LTM4653 Datasheet HTML 14Page - Analog Devices LTM4653 Datasheet HTML 15Page - Analog Devices LTM4653 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LTM4653
12
Rev. B
For more information LTM4653
TEST CIRCUIT
DECOUPLING REQUIREMENTS
APPLICATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Test Circuit
CINH, CD
External High Frequency Input Capacitor Requirement,
28V ≤ VIN ≤ 58V, VOUT = 24V
IOUT = 4A
9.4
µF
COUTH
External High Frequency Output Capacitor Requirement,
28V ≤ VIN ≤ 58V, VOUT = 24V
IOUT = 4A
22
µF
TA = 25°C. Refer to Test Circuit.
VIN
SVIN
RUN
GND
CLKIN
VOUT
VOSNS
PGND
PGOOD
IMONa
IMONb
ISETb
ISETa
TEMP+
TEMP–
EXTVCC
PGDFB
24VOUT
UP TO 4A
COUTL
68µF
COUTH
27µF
SGND
RPGDFB
196k
RISET
480k
RfSET
57.6k
RTH
499Ω
CD
4.7 F
×2
CINH
4.7 F
CTH
0.1 F
VD
INTVCC
VINREG
4653 TC01
NC
SW
LTM4653
COMPa
COMPb
fSET
VIN
28V TO 58V
+
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com