Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4653 Datasheet HTML 12Page - Analog Devices LTM4653 Datasheet HTML 13Page - Analog Devices LTM4653 Datasheet HTML 14Page - Analog Devices LTM4653 Datasheet HTML 15Page - Analog Devices LTM4653 Datasheet HTML 16Page - Analog Devices LTM4653 Datasheet HTML 17Page - Analog Devices LTM4653 Datasheet HTML 18Page - Analog Devices LTM4653 Datasheet HTML 19Page - Analog Devices LTM4653 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTM4653
16
Rev. B
For more information LTM4653
Power Module Protection
The LTM4653’s current mode control architecture pro-
vides fast cycle-by-cycle current limit in an overcur-
rent condition, as shown in the Typical Performance
Characteristics section. If the output voltage collapses
sufficiently due to an overload or short-circuit condition,
minimum on-time will be violated and the internal oscil-
lator will then fold-back automatically to one-fifth of the
LTM4653’s programmed switching frequency—thereby
reducing the output current and affording the load a
chance to recover.
The LTM4653 features input overvoltage shutdown pro-
tection: when VIN > 68V, switching action ceases (with 4V
of hysteresis)—however, be advised that this protection is
only active outside the LTM4653’s safe operating area (see
Note 1 and Note 4 of the Electrical Characteristics table).
The LTM4653 ceases switching action if internal tem-
peratures exceed 165°C. The control IC resumes opera-
tion after a 10°C cool-down hysteresis. Note that these
typical parameters are based on measurements in a lab
oven and are not production tested. This overtempera-
ture protection is intended to protect the device during
momentary overload conditions. The maximum rated
junction temperature will be exceeded when this over-
temperature protection is active. Continuous operation
above the specified absolute maximum operating junction
temperature may impair device reliability or permanently
damage the device.
The LTM4653 does not feature any specialized output
overvoltage protection beyond what is inherent to the
control loop’s servo mechanism.
RUN Pin Enable
The RUN pin is used to enable the power module or
sequence the power module. The threshold is 1.2V. The
RUN pin can be used to provide an undervoltage lockout
(UVLO) function by connecting a resistor divider from
the input supply to the RUN pin, as shown in Figure 2.
Undervoltage lockout keeps the LTM4653 in shutdown
until the supply input voltage is above a certain voltage
APPLICATIONS INFORMATION
programmed by the user. The RUN pin hysteresis voltage
prevents noise from falsely tripping UVLO. Resistors are
chosen by first selecting RB (refer to Figure 2). Then:
RA =RB •
VIN(ON)
1.2V
– 1
where VIN(ON) is the input voltage at which the undervolt-
age lockout is overcome and the supply turns on. RA may
be replaced with a hardwired connection from VD to RUN.
The VIN turn-off voltage, VIN(OFF) is given by:
VIN(OFF) = 1.07V •
RA
RB
+1
If UVLO is not needed, RUN can be connected to
LTM4653’s VD or VIN pins.
When RUN is below its threshold, UVLO is engaged, MT
and MB are turned off, INTVCC ceases to be regulated, and
ISETa is discharged to SGND by internal circuitry.
Loop Compensation
External loop compensation may be preferred for some
applications and can be implemented easily, as follows:
leave COMPb open circuit; connect a series-RC network
(RTH and CTH) from COMPa to SGND; in some instances,
connect a capacitor (CTHP) from COMPa to SGND (paral-
leling the RTH-CTH series-RC network). See Table 7 for
suggested input and output capacitances for a variety
of operating conditions. Additionally, the LTpowerCAD
design tool is available for transient and stability analysis.
RUN PIN
RA
RB
VSUPPLY
4653 F02
Figure 2. Undervoltage Lockout Resistive Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com