Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 5 Page - Cirrus Logic

  CS495313 Datasheet HTML 1Page - Cirrus Logic CS495313 Datasheet HTML 2Page - Cirrus Logic CS495313 Datasheet HTML 3Page - Cirrus Logic CS495313 Datasheet HTML 4Page - Cirrus Logic CS495313 Datasheet HTML 5Page - Cirrus Logic CS495313 Datasheet HTML 6Page - Cirrus Logic CS495313 Datasheet HTML 7Page - Cirrus Logic CS495313 Datasheet HTML 8Page - Cirrus Logic CS495313 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705PP2
®Copyright 2008 Cirrus Logic, Inc.
5
3. Code Overlays
The suite of software available for the CS4953xx family consists of an operating system (OS) and a library of
overlays. The overlays have been divided into three main groups called Decoders, Mid-processors, and Post-
processors. All software components are defined below:
1. OS/Kernel - Encompasses all non-audio processing tasks, including loading data from external memory,
processing host messages, calling audio-processing subroutines, error concealment, etc.
2. Decoders - Any Module that initially writes data into the audio I/O buffers, e.g. AC-3®, DTS, PCM, etc. All the
decoding/processing algorithms listed below require delivery of PCM or IEC61937-packed, compressed data
via I2S- or LJ-formatted digital audio to the CS4953xx.
3. Mid-processors - Any module that processes audio I/O buffer PCM data in-place before the Post-
processors. Generally speaking, these modules alter the number of valid channels in the audio I/O buffer
through processes like Virtualization (n 2 channels) or Matrix Decoding (2 n channels). Examples are Dolby
ProLogic IIx and DTS Neo:6.
4. Post-processors - Any module that processes audio I/O buffer PCM data in-place after the Mid-Processors.
Examples are Bass Management, Audio Manager, Tone Control, EQ, Delay, Customer-specific Effects, Dolby
Headphone/Virtual Speaker, etc.
The overlay structure reduces the time required to reconfigure the DSP when a processing change is
requested. Each overlay can be reloaded independently without disturbing the other overlays. For example,
when a new decoder is selected, the OS, mid-, and post-processors do not need to be reloaded — only the
new decoder (the same is true for the other overlays).
Table 2 below lists the firmware available based on device selection. Please refer AN288 CS4953xx Firmware
User’s Manual for the latest listing of application codes and Cirrus Framework™ modules available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com