Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS495313 Datasheet HTML 8Page - Cirrus Logic CS495313 Datasheet HTML 9Page - Cirrus Logic CS495313 Datasheet HTML 10Page - Cirrus Logic CS495313 Datasheet HTML 11Page - Cirrus Logic CS495313 Datasheet HTML 12Page - Cirrus Logic CS495313 Datasheet HTML 13Page - Cirrus Logic CS495313 Datasheet HTML 14Page - Cirrus Logic CS495313 Datasheet HTML 15Page - Cirrus Logic CS495313 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
12
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
Figure 1. RESET Timing
5.8 Switching Characteristics — XTI
Figure 2. XTI Timing
Parameter
Symbol
Min
Max
Unit
External Crystal operating frequency1
1. Part characterized with the following crystal frequency values: 11.2896, 12.288, 18.432, 24.576, & 27 MH.z.
Fxtal
11.2896
27
MHz
XTI period
Tclki
33.3
100
ns
XTI high time
Tclkih
13.3
-
ns
XTI low time
Tclkil
13.3
-
ns
External Crystal Load Capacitance (parallel resonant)2
2. CL refers to the total load capacitance as specified by the crystal manufacturer. Crystals which require a CL outside
this range should be avoided. The crystal oscillator circuit design should follow the crystal manufacturer’s
recommendation for load capacitor selection.
CL
10
18
pF
External Crystal Equivalent Series Resistance
ESR
50
W
RESET#
Trst2z
Trstl
Trstsu Trsthld
HS[3:0]
All Bidirectional
Pins
t clkih
t clkil
Tclki
XTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com