Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS495313 Datasheet HTML 14Page - Cirrus Logic CS495313 Datasheet HTML 15Page - Cirrus Logic CS495313 Datasheet HTML 16Page - Cirrus Logic CS495313 Datasheet HTML 17Page - Cirrus Logic CS495313 Datasheet HTML 18Page - Cirrus Logic CS495313 Datasheet HTML 19Page - Cirrus Logic CS495313 Datasheet HTML 20Page - Cirrus Logic CS495313 Datasheet HTML 21Page - Cirrus Logic CS495313 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
18
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
5.14 Switching Characteristics — Parallel Control Port - Intel® Slave Mode
Parameter
Symbol Min
Typical
Max
Unit
Address setup before PCP_CS# and PCP_RD# low or PCP_CS#
and PCP_WR# low
tias
5-
ns
Address hold time after PCP_CS# and PCP_RD# low or PCP_CS#
and PCP_WR# high
tiah
5-
ns
Read
Delay between PCP_RD# then PCP_CS# low or PCP_CS# then
PCP_RD# low
ticdr
0-
ns
Data valid after PCP_CS# and PCP_RD# low
tidd
-18
ns
PCP_CS# and PCP_RD# low for read
tirpw
24
-
ns
Data hold time after PCP_CS# or PCP_RD# high
tidhr
8-
ns
Data high-Z after PCP_CS# or PCP_RD# high
tidis
-18
ns
PCP_CS# or PCP_RD# high to PCP_CS# and PCP_RD# low for
next read1
1. The system designer should be aware that the actual maximum speed of the communication port may be limited by
the firmware application. Hardware handshaking on the PCP_BSY# pin/bit should be observed to prevent
overflowing the input data buffer. AN288 CS4953xx Firmware Uses’s Manual should be consulted for the firmware
speed limitations.
tird
30
-
ns
PCP_CS# or PCP_RD# high to PCP_CS# and PCP_WR# low for
next write1
tirdtw
30
-
ns
PCP_RD# rising to PCP_IRQ# rising
tirdirqhl
-12
ns
Write
Delay between PCP_WR# then PCP_CS# low or PCP_CS# then
PCP_WR# low
ticdw
0-
ns
Data setup before PCP_CS# or PCP_WR# high
tidsu
8-
ns
PCP_CS# and PCP_WR# low for write
tiwpw
24
-
ns
Data hold after PCP_CS# or PCP_WR# high
tidhw
8-
ns
PCP_CS# or PCP_WR# high to PCP_CS# and PCP_RD# low for
next read1
tiwtrd
30
-
ns
PCP_CS# or PCP_WR# high to PCP_CS# and PCP_WR# low for
next write1
tiwd
30
-
ns
PCP_WR# rising to PCP_BSY# falling
tiwrbsyl
-
2*DCLKP + 20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com