Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS495313 Datasheet HTML 16Page - Cirrus Logic CS495313 Datasheet HTML 17Page - Cirrus Logic CS495313 Datasheet HTML 18Page - Cirrus Logic CS495313 Datasheet HTML 19Page - Cirrus Logic CS495313 Datasheet HTML 20Page - Cirrus Logic CS495313 Datasheet HTML 21Page - Cirrus Logic CS495313 Datasheet HTML 22Page - Cirrus Logic CS495313 Datasheet HTML 23Page - Cirrus Logic CS495313 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
20
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
5.15 Switching Characteristics — Parallel Control Port - Motorola® Slave Mode
Parameter
Symbol
Min
Max
Unit
Address setup before PCP_CS# and PCP_DS# low
tmas
5-
ns
Address hold time after PCP_CS# and PCP_DS# low
tmah
5-
ns
Read
Delay between PCP_DS# then PCP_CS# low or PCP_CS# then
PCP_DS# low
tmcdr
0-
ns
Data valid after PCP_CS# and PCP_DS# low with PCP_R/W# high
tmdd
-19
ns
PCP_CS# and PCP_DS# low for read
tmrpw
24
-
ns
Data hold time after PCP_CS# or PCP_DS# high after read
tmdhr
8-
ns
Data high-Z after PCP_CS# or PCP_DS# high after read
tmdis
-18
ns
PCP_CS# or PCP_DS# high to PCP_CS# and PCP_DS# low for
next read1
1. The system designer should be aware that the actual maximum speed of the communication port may be limited by
the firmware application. Hardware handshaking on the PCP_BSY# pin/bit should be observed to prevent
overflowing the input data buffer. AN288 CS4953xx Firmware Uses’s Manual should be consulted for the firmware
speed limitations.
tmrd
30
-
ns
PCP_CS# or PCP_DS# high to PCP_CS# and PCP_DS# low for
next write1
tmrdtw
30
-
ns
PCP_RW# rising to PCP_IRQ# falling
tmrwirqh
-12
ns
Write
Delay between PCP_DS# then PCP_CS# low or PCP_CS# then
PCP_DS# low
tmcdw
0-
ns
Data setup before PCP_CS# or PCP_DS# high
tmdsu
8-
ns
PCP_CS# and PCP_DS# low for write
tmwpw
24
-
ns
PCP_R/W# setup before PCP_CS# AND PCP_DS# low
tmrwsu
24
-
ns
PCP_R/W# hold time after PCP_CS# or PCP_DS# high
tmrwhld
8-
ns
Data hold after PCP_CS# or PCP_DS# high
tmdhw
8-
ns
PCP_CS# or PCP_DS# high to PCP_CS# and PCP_DS# low with
PCP_R/W# high for next read1
tmwtrd
30
-
ns
PCP_CS# or PCP_DS# high to PCP_CS# and PCP_DS# low for
next write1
tmwd
30
-
ns
PCP_RW# rising to PCP_BSY# falling
tmrwbsyl
-
2*DCLKP + 20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com