Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 4 Page - Cirrus Logic

  CS495313 Datasheet HTML 1Page - Cirrus Logic CS495313 Datasheet HTML 2Page - Cirrus Logic CS495313 Datasheet HTML 3Page - Cirrus Logic CS495313 Datasheet HTML 4Page - Cirrus Logic CS495313 Datasheet HTML 5Page - Cirrus Logic CS495313 Datasheet HTML 6Page - Cirrus Logic CS495313 Datasheet HTML 7Page - Cirrus Logic CS495313 Datasheet HTML 8Page - Cirrus Logic CS495313 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
4
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
1. Documentation Strategy
The CS4953xx Datasheet describes the CS4953xx family of multichannel audio decoders. This document
should be used in conjunction with the following documents when evaluating or designing a system around the
CS4953xx family of processors.
The scope of the CS4953xx Datasheet is primarily the hardware specifications of the CS4953xx family of
devices. This includes hardware functionality, characteristic data, pinout, and packaging information.
The intended audience for the CS4953xx Data Sheet is the system PCB designer, mcu programmer, and the
quality control engineer.
2. Overview
The CS4953xx DSP Family, together with Cirrus Logic’s comprehensive library of audio processing algorithms,
enables the development of next-generation audio solutions. Cirrus Logic also provides a broad array of digital
interface products, audio converters, and ARM® Processors to meet your audio system-level design
requirements.
There are two devices in the CS4953xx DSP family. The CS495303 and CS495313 are differentiated by
internal memory size and DSP Firmware. The CS495303 is available in a 128-pin QFP package and the
CS495313 is available in either a 128-pin or 144-pin QFP package. The audio processing features of the
CS495313 are a superset of audio features available in the CS495303. Please refer to Table 2 on page 6 for
the speed and firmware features of each device.
2.1 Migrating from the CS495xx(2) to the CS4953xx
The CS4953xx was designed to provide an easy upgrade path from the CS495xx(2). Although 144-pin
versions of the two devices are virtually identical with respect to external system connection, there are some
small differences the hardware designer should be aware of:
• The PLL supply voltage on the CS4953xx is 3.3V vs. 1.8V on the CS495xx(2).
• The PLL filter topology is simpler when using the CS4953xx rather than the CS495xx(2).
• The CS4953xx adds support for 6-channel DSD input.
• The CS4953xx adds support for TDM mode on both audio input and output ports.
• The CS4953xx does not support external SRAM operation.
• The CS4953xx external SDRAM bus speed is fixed at 150 MHz vs. the 120 MHz max bus speed for the
CS495xx(2). Some firmware modules also support a 75 MHz CS4953xx SDRAM bus speed. Please refer
to AN288 for details.
• The CS4953xx CLKOUT pin can output XTALI or XTALI/2. The CS495xx(2) can only output XTALI.
2.2 Licensing
Licenses are required for all of the 3rd party audio decoding/processing algorithms listed below, including the
application notes. Please contact your local Cirrus Sales representative for more information.
Table 1. CS4953xx Related Documentation
Document Name
Description
CS4953xx Datasheet
This document
CS4953xx Hardware User’s Manual
Includes detailed system design information including
Typical Connection Diagrams, Boot-Procedures, Pin
Descriptions, Etc.
AN288 - CS4953xx Firmware User’s Manual
Includes detailed firmware design information
including signal processing flow diagrams and control
API information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com