Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS495313 Datasheet HTML 18Page - Cirrus Logic CS495313 Datasheet HTML 19Page - Cirrus Logic CS495313 Datasheet HTML 20Page - Cirrus Logic CS495313 Datasheet HTML 21Page - Cirrus Logic CS495313 Datasheet HTML 22Page - Cirrus Logic CS495313 Datasheet HTML 23Page - Cirrus Logic CS495313 Datasheet HTML 24Page - Cirrus Logic CS495313 Datasheet HTML 25Page - Cirrus Logic CS495313 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
22
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
5.16 Switching Characteristics — UART
Figure 11. UART Timing
Parameter
Symbol
Min
Max
Unit
UART_CLK period1
1. The minimum clock period is limited to DCLKP/32 or the minimum value, whichever is larger.
tuclki
266
-
ns
UART_CLK duty cycle
-
40
60
%
Setup time for UART_RXD
tuckrxsu
5-
Hold time for UART_RXD
tuckrxdv
5-
ns
Delay from CLK transition to TXD transition
tucktxdv
-29
ns
ttxen
??
ns
ttxhz
??
ns
UART_CLK
UART_RXD
UART_TXD
tuckrxsu
tucktxdv
tuckrxdv
UART_TX_EN
ttxen
ttxhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com