Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS495313 Datasheet HTML 27Page - Cirrus Logic CS495313 Datasheet HTML 28Page - Cirrus Logic CS495313 Datasheet HTML 29Page - Cirrus Logic CS495313 Datasheet HTML 30Page - Cirrus Logic CS495313 Datasheet HTML 31Page - Cirrus Logic CS495313 Datasheet HTML 32Page - Cirrus Logic CS495313 Datasheet HTML 33Page - Cirrus Logic CS495313 Datasheet HTML 34Page - Cirrus Logic CS495313 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705PP2
®Copyright 2008 Cirrus Logic, Inc.
31
6. Ordering Information
The CS4953xx family part number is described as follows:
CS495NNI-XYZ
where
NN
- Product Number Variant
I
- ROM ID Number
X
- Product Grade
Y
- Package Type
Z
- Lead (Pb) Free
Note: Please contact the factory for availability of the -D (automotive grade) package.
7. Environmental, Manufacturing, & Handling Information
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Table 5. Ordering Information
Part No.
Grade
Temp. Range
Package
CS495303-CVZ
Commercial
0 to +70 °C
128-pin LQFP
CS495303-DVZ
Automotive
-40 to +85 °C
CS495313-CQZ
Commercial
0 to +70 °C
144-pin LQFP
CS495313-DQZ
Automotive
-40 to +85 °C
CS495313-CVZ
Commercial
0 to +70 °C
128-pin LQFP
CS495313-DVZ
Automotive
-40 to +85 °C
Table 6. Environmental, Manufacturing, & Handling Information
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS495303-CVZ
260 °C
3
7 Days
CS495303-DVZ
CS495313-CQZ
CS495313-DQZ
CS495313-CVZ
CS495313-DVZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com