Electronic Components Datasheet Search
  English  ▼

X  

CS495313 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS495313
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS495313 Datasheet HTML 10Page - Cirrus Logic CS495313 Datasheet HTML 11Page - Cirrus Logic CS495313 Datasheet HTML 12Page - Cirrus Logic CS495313 Datasheet HTML 13Page - Cirrus Logic CS495313 Datasheet HTML 14Page - Cirrus Logic CS495313 Datasheet HTML 15Page - Cirrus Logic CS495313 Datasheet HTML 16Page - Cirrus Logic CS495313 Datasheet HTML 17Page - Cirrus Logic CS495313 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
14
®Copyright 2008 Cirrus Logic, Inc.
DS705PP2
5.10 Switching Characteristics — Serial Control Port - SPI Slave Mode.
Figure 3. Serial Control Port - SPI Slave Mode Timing
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1
1. The specification fspisck indicates the maximum speed of the hardware. The system designer should be aware that
the actual maximum speed of the communication port may be limited by the firmware application. Flow control using
the SCP_BSY# pin should be implemented to prevent overflow of the input data buffer. At boot the maximum speed
is Fxtal/3.
fspisck
-25
MHz
SCP_CS# falling to SCP_CLK rising
tspicss
24
-
ns
SCP_CLK low time
tspickl
20
-
ns
SCP_CLK high time
tspickh
20
-
ns
Setup time SCP_MOSI input
tspidsu
5-
ns
Hold time SCP_MOSI input
tspidh
5-
ns
SCP_CLK low to SCP_MISO output valid
tspidov
-11
ns
SCP_CLK falling to SCP_IRQ# rising
tspiirqh
-20
ns
SCP_CS# rising to SCP_IRQ# falling
tspiirql
0ns
SCP_CLK low to SCP_CS# rising
tspicsh
24
-
ns
SCP_CS# rising to SCP_MISO output high-Z
tspicsdz
-20
ns
SCP_CLK rising to SCP_BSY# falling
tspicbsyl
-3*DCLKP+20
ns
SCP_BSY#
SCP_CS#
SCP_CLK
SCP_MOSI
SCP_MISO
SCP_IRQ#
0
1267
0
56
7
tspicss
tspickl
tspickh
tspidsu
tspidh
tspidov
A6
A5
A0
R/W
MSB
LSB
MSB
LSB
tspicsh
tspibsyl
tspiirql
tspiirqh
fspisck
tspicsdz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com