Electronic Components Datasheet Search
  English  ▼

X  

6266 Datasheet(PDF) 9 Page - THAT Corporation All rights reserved.

Part # 6266
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6266 Datasheet(HTML) 9 Page - THAT Corporation All rights reserved.

Back Button 6266 Datasheet HTML 5Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 6Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 7Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 8Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 9Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 10Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 11Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 12Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 13Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
THAT 626x 2-Channel Low-Noise Programmable
Page 9 of 20
Document 600190 Rev 05
Gain Preamplifier – ADC Driver IC
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
Note that the preamp stage has unity common-
mode gain, regardless of the differential gain setting.
Gain-Programmable ADC Driver Stage
The ADC driver stage operates from a single
+5V supply. It includes a fully differential amplifier
with gain controlled by internal resistors and CMOS
switches programmed via the SPI interface. The in-
puts of this stage (DI-, DI+) can handle the full dif-
ferential signal swing available at the outputs of the
preamp (PO+ and PO-).
Each input has a nominal input resistance of
2k. As shown in Table 2, the feedback resistor ar-
ray enables gains of –8, –7, and –6dB in the 6261,
while in the 6263 and 6266 the gain is fixed at –8dB.
Six external pins per channel (OUT+, OUT-,
RFB+, RFB-, CFB+, and CFB-) provide the flexibility
to configure the ADC driver’s feedback network into
different anti-aliasing filter topologies for driving dif-
ferent ADCs. One common configuration is shown in
Figures 17 and 20. An alternative is shown in Figure
18. We recommend that you follow the ADC maker’s
recommendations.
The ADC driver includes a common-mode feed-
back circuit which rejects common-mode input sig-
nals, and forces the common-mode output voltage of
the amplifier outputs (pins OUT+_CHx and OUT-
_CHx, x=1,2) to equal the voltage supplied to the VCM
pin. For the feedback loop to function properly, the
common-mode voltage at the amplifier’s differential
inputs (pins CFB+_CHx and CFB-_CHx) must stay at
or above the minimum value in the specification ta-
ble. These nodes are virtual grounds for differential
signals, and only move with common-mode input
signals. However, if the level on the virtual ground
pins falls below the minimum value, the amplifier’s
input transistors will become improperly biased,
which will result in the feedback loop opening, and
the amplifier outputs being stuck at ground. See
comments (under “ADC Driver VCM Input”, on page
15 and again – for unipolar supplies—on page 18) in
the Applications section for preventative measures,
Due to the good matching of the on-chip resis-
tors, the common-mode rejection of this stage is typi-
cally 62 dB. Combined with the unity common-mode
gain of the preamp section, the 626x’s overall com-
mon-mode rejection performance increases from this
minimum value directly with the preamp gain.
Note, however, that the matching between the
input coupling capacitors CC1 and CC2 will impact
each individual amplifier’s common-mode gain, thus
limiting CMR at frequencies where the capacitors
present significant impedance to the signal. For op-
timum low-frequency CMR, choose large values for
these capacitors, or ensure that smaller values are
well matched. Power supply rejection will also be
affected by the differential matching between the in-
ternal resistors and external capacitors.
The preamp gain-setting resistor (RG) and ADC
driver feedback resistor (RFB) values (Figure 12) with
the corresponding gains for THAT 6261, 6263 and
6266 are listed in Table 2.
6261
Gain
(dB)
6263
Gain
(dB)
6266
Gain
(dB)
Preamp
Gain
(dB)
RG
(Ω)
ADC Driver
Gain
(dB)
RFB
(Ω)
-8
-8
-8
0
250k
-8
796
-7
-7
893
-6
-6
1002
-5
-5
3
9696
-8
796
-4
-7
893
-3
-6
1002
-2
-2
-2
6
4019
-8
796
-1
-7
893
0
-6
1002
1
1
9
2270
-8
796
2
-7
893
3
-6
1002
4
4
4
12
1352
-8
796
5
-7
893
6
-6
1002
7
7
15
847
-8
796
8
-7
893
9
-6
1002
10
10
10
18
575
-8
796
11
-7
893
12
-6
1002
13
13
21
387
-8
796
14
-7
893
15
-6
1002
16
16
16
24
269
-8
796
17
-7
893
18
-6
1002
19
19
27
183
-8
796
20
-7
893
21
-6
1002
22
22
22
30
130
-8
796
23
-7
893
24
-6
1002
25
25
33
92
-8
796
26
-7
893
27
-6
1002
28
28
28
36
65
-8
796
29
-7
893
30
-6
1002
31
31
39
45
-8
796
32
-7
893
33
-6
1002
34
34
34
-5
1125
Table 2. THAT 626x gain and internal resistor values.
Switching Noise
The 626x includes several features which mini-
mize the gain switching noise in both the preamp and
ADC driver stages. First, the gate drive to the pro-
grammable CMOS switches is purposely slowed to
minimize charge injection. This helps suppress clicks
during gain-changing events. To further minimize
gain-switching noise, the 626x also includes zero-
crossing detectors to restrict gain changes to times
when the analog differential signal is very close to
zero. With the zero-crossing feature enabled, gain
changes in the presence of program material are sig-
nificantly less audible than when disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com