Electronic Components Datasheet Search
  English  ▼

X  

6266 Datasheet(PDF) 7 Page - THAT Corporation All rights reserved.

Part # 6266
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6266 Datasheet(HTML) 7 Page - THAT Corporation All rights reserved.

Back Button 6266 Datasheet HTML 3Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 4Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 5Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 6Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 7Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 8Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 9Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 10Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 11Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
THAT 626x 2-Channel Low-Noise Programmable
Page 7 of 20
Document 600190 Rev 05
Gain Preamplifier – ADC Driver IC
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
Pin Name
Pin
Number
Description
Pin Name
Pin
Number
Description
RFB+_CH1
1
Ch. 1 out+ resistive feedback
GPO0_CH1
25
Ch. 1 GPO0
CFB-_CH1
2
Ch. 1 out- capacitive feedback
GPO1_CH1
26
Ch. 1 GPO1
CFB+_CH1
3
Ch. 1 out+ capacitive feedback
BSY_CH1
27
Ch. 1 busy pin
VA+
4
Preamp positive supply voltage
DGND
28
Digital ground
DI+_CH1
5
Ch. 1 ADC driver + input
VD
29
Digital power supply (3.3V)
DI-_CH1
6
Ch. 1 ADC driver - input
CS
30
Chip select (active low)
PO+_CH1
7
Ch. 1 preamp + output
SCLK
31
Serial clock input
PO-_CH1
8
Ch. 1 preamp - output
DIN
32
Serial port data input
VA-
9
Preamp negative supply voltage
DOUT
33
Serial port data output
VA+
10
Preamp positive supply voltage
BSY_CH2
34
Ch. 2 busy pin
CG2_CH1
11
Ch. 1 feedback ac-coupling, term. 2
GPO0_CH2
35
Ch. 2 GPO0
CG1_CH1
12
Ch. 1 feedback ac-coupling, term. 1
GPO1_CH2
36
Ch. 2 GPO1
IN-_CH1
13
Ch. 1 preamp - input
CFB+_CH2
37
Ch. 2 out+ capacitive feedback
IN+_CH1
14
Ch. 1 preamp + input
CFB-_CH2
38
Ch. 2 out- capacitive feedback
VA-
15
Preamp negative supply voltage
RFB+_CH2
39
Ch. 2 out+ resistive feedback
CG2_CH2
16
Ch. 2 feedback ac-coupling, term. 2
RFB-_CH2
40
Ch. 2 out- resistive feedback
CG1_CH2
17
Ch. 2 feedback ac-coupling, term. 1
OUT+_CH2
41
Ch. 2 + output to ADC
IN-_CH2
18
Ch. 2 preamp - input
OUT-_CH2
42
Ch. 2 - output to ADC
IN+_CH2
19
Ch. 2 preamp + input
AGND
43
Analog ground
VA-
20
Preamp negative supply voltage
VCM
44
ADC driver CM reference input
PO+_CH2
21
Ch.2 preamp + output
VAD
45
5V ADC driver supply voltage
PO-_CH2
22
Ch. 2 preamp - output
OUT-_CH1
46
Ch. 1 - output to ADC
DI+_CH2
23
Ch. 2 ADC driver + input
OUT+_CH1
47
Ch. 1 + output to ADC
DI-_CH2
24
Ch. 2 ADC driver - input
RFB-_CH1
48
Ch. 1 out- resistive feedback
VA-
Thermal pad
Table 1. Pin Assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com