| Electronic Components Datasheet Search |
|
6266 Datasheet(PDF) 13 Page - THAT Corporation All rights reserved. |
|
|
|||||||||||||||||||||||||||||
6266 Datasheet(HTML) 13 Page - THAT Corporation All rights reserved. |
|
13 / 20 page ![]() THAT 626x 2-Channel Low-Noise Programmable Page 13 of 20 Document 600190 Rev 05 Gain Preamplifier – ADC Driver IC THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com Copyright © 2018, THAT Corporation; All rights reserved. Using Separate Chip Selects Figure 15 shows multiple 626x devices connect- ed with separate chip selects for each SPI port. The advantage of this method over daisy chaining is that any of the N 626x devices may be updated with a single 24-bit SPI operation (as opposed to the long Nx24 bit data stream required when N devices are daisy chained). The disadvantage of this method is N different chip selects must be supplied – one to each of the individual devices, and each 626x must be programmed at a different time. Daisy Chaining Figure 16 shows multiple devices daisy-chained by connecting the DOUT of device N to the DIN pin of device N+1. Data is loaded by holding the common CS low for 24 x N SCLK pulses, where N = total number of devices in the daisy chain. All devices are simultaneously updated on the rising edge of CS. Because one chip select is shared by all devices, this approach simplifies the digital control circuitry on the PCB, and ensures that all channels are updated simultaneously. However, since all N devices must be updated even if only one parameter in one device must be changes, the rate of control will be slower than with separate chip selects. Figure 15. Multiple 626x ICs connected in parallel to a host microcontroller, with independent chip selects. Figure 16. Multiple 626x ICs connected in a daisy-chained mode to a host microcontroller. MOSI MISO SCLK GPIO Host Microcontroller SPI Port DIN DOUT SCLK CS THAT626x #1 THAT626x #2 THAT626x #3 SPI Port DIN DOUT SCLK CS SPI Port DIN DOUT SCLK CS SPI Port GPIO GPIO Host Microcontroller MOSI MISO SCLK GPIO SPI Port DIN DOUT SCLK CS THAT626x #1 THAT626x #2 THAT626x #3 SPI Port DIN DOUT SCLK CS SPI Port DIN DOUT SCLK CS SPI Port |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |