Electronic Components Datasheet Search
  English  ▼

X  

6266 Datasheet(PDF) 19 Page - THAT Corporation All rights reserved.

Part # 6266
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6266 Datasheet(HTML) 19 Page - THAT Corporation All rights reserved.

Back Button 6266 Datasheet HTML 12Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 13Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 14Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 15Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 16Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 17Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 18Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 19Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 20Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
THAT 626x 2-Channel Low-Noise Programmable
Page 19 of 20
Document 600190 Rev 05
Gain Preamplifier – ADC Driver IC
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
The THAT626x is available in a 7mm x 7mm 48-
pin QFN package. The package dimensions are
shown in Figure 21. Pinouts are given in Table 1.
The 626x is lead free and RoHS-2 compliant.
6 Two layer board used for characterization.
Material Declaration Data Sheets on the parts
are available at our web site, www.thatcorp.com or
upon request. For ordering information, see Table
10.
Package and Soldering Information
Package Characteristics
Parameter
Symbol
Conditions
Spec
Units
Package Style
See Fig. 21 for dimensions
7 X 7 mm 48 Pin QFN
Thermal Resistance
θJA
QFN package soldered to board
6
35
ºC/W
Environmental Regulation Compliance
Complies with RoHS 2 requirements
Moisture Sensitivity Level
MSL
JEDEC JESD22-A113-D (250 ºC
MSL-3
Figure 21. QFN-48 Package Dimensions
Package
Order Number
48 pin QFN
6261N48-U
6263N48-U
6266N48-U
Table 10. Ordering Information
A
B
C
D
F
H
I
J
E
G
0°- 4°
SYM
MIn
MM
Mils
A
6.9
271.65
B
6.9
271.65
C
0.80
31.50
D
0.2
7.87
E
0.5 BSC
19.69 BSC
F
0.35
13.78
G
0.00
0.00
H
0.175
6.89
I
5.31
209.06
J
5.31
Max
MIn
Max
7.1
7.1
1.00
0.3
0.45
0.05
0.225
5.6
5.6
209.06
279.53
279.53
39.37
11.81
17.72
1.97
8.86
220.47
220.47
1
1
12
13
24
25
36
37
48
BOTTOM
VIEW
TOP
VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com