Electronic Components Datasheet Search
  English  ▼

X  

6266 Datasheet(PDF) 8 Page - THAT Corporation All rights reserved.

Part # 6266
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6266 Datasheet(HTML) 8 Page - THAT Corporation All rights reserved.

Back Button 6266 Datasheet HTML 4Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 5Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 6Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 7Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 8Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 9Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 10Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 11Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 12Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Document 600190 Rev 05
Page 8 of 20
THAT 626x 2-Channel Low-Noise Programmable
Gain Preamplifier – ADC Driver IC
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
The THAT 626x (x=1, 3 or 6) is a family of two-
channel digitally controlled microphone preamplifi-
ers with integrated ADC drivers. Depending on the
model, gain of the parts is programmable in 1, 3, or
6dB steps.
Part
6261
6263
6266
Step size
1
dB
3
dB
6
dB
The 626x family is implemented in a mixed-
voltage multi-well Bi-CMOS process that integrates
10V, 5V, and 3.3V circuitry onto a single silicon
die. The combination of process and design also al-
lows operating the device with ±5V, 5V, and 3.3V
supplies, but it may also be powered from 10V, 5V,
and 3.3V supplies.
THAT 626x seamlessly bridges between a pro-
fessional-audio line/microphone input and a 5V-
powered A/D converter. It contains two independently
controlled differential analog signal processing chan-
nels. The high level of integration minimizes the PCB
area required for such systems. Further, THAT
626x’s low power consumption simplifies system
heat management; this is especially helpful when
integrating many channels in a single system.
Each differential analog channel in the 626x
consists of a low-voltage-noise, gain-programmable
preamplifier stage, a gain-programmable ADC driver
stage and a zero-crossing detector (ZCD). To mini-
mize audible switching noise, gain switching events
can be synchronized to moments when the ADC driv-
er differential output signal is close to zero. An exter-
nal signal (at the BSY pins) indicates when zero-
crossing-based gain changes or GPO updates take
place. Each channel can also be put into a minimum
power stand-by mode when not in use. And, each
channel can be muted. The part is programmed via a
4-wire serial peripheral interface (SPI) shared by the
two channels.
Programmable Gain Settings
The 626x implements its overall gain in two
stages: a preamp stage and an ADC driver stage. The
preamp stage gain ranges from 0 dB to +39 dB. It
can accommodate input signals as high as +16.5
dBu at the lowest gain. The ADC driver attenuates the
preamp’s output by from –5 to –8dB in order to fit
the signal within the typical 2 Vrms full-scale input
voltage of integrated ADCs. The ADC driver also re-
jects common-mode signals, providing a dc pedestal
(derived from the VCM input) on which to queue the
differential outputs.
Gain-Programmable Preamplifier Stage
The preamp stage consists of a low-voltage-noise
current-feedback differential amplifier with gain pro-
grammed by an array of resistors and CMOS switch-
es that makes up RG. See Figure 12 for detail of one
of the two channels. The RG resistor/switch array is
programmed via the SPI digital control interface. The
resulting gain varies from 0dB to 39dB in 3dB
steps (in the 6261 and 6263) or 6dB steps (6266).
The preamp feedback resistors have a nominal value
of 2k. The RG values with the corresponding gains
for THAT 6261, 6263 and 6266 are listed in Table 2.
The RG network should be ac-coupled using an
external capacitor CG. This limits dc gain to unity for
all ac gain settings, ensuring that the preamp’s out-
put offset voltage will be constant for all gain settings.
The preamp’s differential output (between the
PO+ and PO- pins) has a fixed dc common-mode
level of one VBE (~0.6V) below the voltage at the input
pins (IN+ and IN-). The PO+ and PO- pins are typi-
cally ac-coupled to the ADC driver stage through ex-
ternal capacitors (CC1 and CC2). This allows the ADC
driver stage to operate around the voltage (typically
+2.5V) supplied at the VCM pin. This voltage should
match that required for the ADC being driven.
Theory of Operation
Figure 12. Analog Section Functional Block Diagram
2k
Zero-Crossing
Detector
VAD
VA+
IN-
PO-
DI-
PO+
DI+
+
+
+
VCM
RFB+
CFB+
OUT+
OUT-
CFB-
RFB-
CG2
C G
C C1
C C2
CG1
RG
IN+
VA-
VA+
VA-
RFB
2k
2k
2k
RFB
Preamplifier
ADC Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com