Electronic Components Datasheet Search
  English  ▼

X  

6266 Datasheet(PDF) 2 Page - THAT Corporation All rights reserved.

Part # 6266
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6266 Datasheet(HTML) 2 Page - THAT Corporation All rights reserved.

  6266 Datasheet HTML 1Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 2Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 3Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 4Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 5Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 6Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 7Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 8Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Document 600190 Rev 05
Page 2 of 20
THAT 626x 2-Channel Low-Noise Programmable
Gain Preamplifier – ADC Driver IC
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
SPECIFICATIONS2
Absolute Maximum Ratings3
Total Analog Supply
(VA+ – VA-)
13 V
Maximum Analog Dix Input Voltage
VIAMAX_DI
VA++2.5V
Preamp Positive Supply
(VA+ – AGND)
6.5 V
Minimum Analog Dix Input Voltage
(VIAMIN_DI)
VA- - 0.3V
Preamp Negative Supply
(VA- – AGND)
-6.5 V
Maximum Analog Inx Input Voltage
(VIAMAX_IN)
VA+ + 0.3V
Digital Logic Supply
(VD – DGND)
+4.5 V
Minimum Analog Inx Input Voltage
(VIAMIN_IN)
VA- - 0.3V
AGND – DGND Difference
(AGND – DGND)
0.3 V
Maximum Digital Input Voltage
(VIDMAX)
VD + 0.3 V
Maximum Input Current
(IN+_CH1, IN-_CH1,
IN+_CH2, IN-_CH2)
20 mA
Minimum Digital Input Voltage
( VIDMIN)
DGND – 0.3 V
Maximum VD – DGND Current
65 mA
Storage Temperature Range
(TSTG)
-40 to +125 ºC
ADC Driver Supply
(VAD – AGND)
+5.5V
Operating Temperature Range
(TOP)
-40 to +85 ºC
Maximum Junction Temperature
(TJMAX)
+125 ºC
626x Electrical Characteristics4
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Power Supply
Recommended Operating Voltages
Preamp Positive Supply
VA+
Bipolar supply
Unipolar supply
+3.9
+7.8
+5.0
+10.0
+5.5
+11.0
V
V
Preamp Negative Supply
VA-
Bipolar supply
Unipolar supply
-3.9
-0.1
-5.0
0
-5.5
+0.1
V
V
ADC Driver Supply
VAD
+3.8
+5.0
+5.25
V
Digital Logic Supply
VD
+3.0
+3.3
+3.6
V
Quiescent Current
Preamp Positive Supply Current
IA+
IA+_off
Normal operation
Both channels in standby
—
—
4.8
100
6.5
—
mA
µA
Preamp Negative Supply Current
IA-
IA-_off
Normal operation
Both channels in standby
—
—
4.8
100
6.5
—
mA
µA
ADC Driver Supply Current
IAD
IAD_off
Normal operation
Both channels in standby
—
—
2.5
100
4.0
—
mA
µA
Digital Logic Supply Current
ID
6261/6263
6266
—
—
10
0.5
—
—
µA
µA
System AC Characteristics
Parameter
Symbol
Conditions
Min.
6261
Typ.
Max.
Min.
6263
Typ.
Max.
Min.
6266
Typ.
Max.
Units
Gain Range
-8
—
34
-8
—
34
-8
—
34
dB
Step Size
0.5
1
1.5
2
3
4
4
6
8
dB
Gain Error
Gain:[-8dB ~30dB]
Gain:[31dB ~ 34dB]
-0.5
-1
±0.2
±0.3
0.5
1
-0.5
-1
±0.2
±0.3
0.5
1
-0.5
-1
±0.2
±0.3
0.5
1
dB
dB
Gain Matching
Between Channels
-0.25
±0.02
0.25
-0.25
±0.02
0.25
-0.25
±0.02
0.25
dB
Mute Attenuation
—
-62
—
—
-62
—
—
-62
—
dB
Channel Isolation
Rs=150 ohm
f=1kHz
—
-100
—
—
-100
—
—
-100
—
dB
CMRR
f=1kHz,Gain=-8dB
Gain= +34dB
—
—
65
104
—
—
—
—
65
104
—
—
—
—
65
104
—
—
dB
dB
Max Differential
Input Level
VID
(-8 dB Gain THD:
0.15% @1kHz)
16.5
16.5
16.5
dBu
Input Common-
Mode Range
VICM
Linear operation
VA-+1.2
—
VA+-1.2 VA-+1.2
—
VA+-1.2 VA-+1.2
—
VA+-1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com