Electronic Components Datasheet Search
  English  ▼

X  

6266 Datasheet(PDF) 1 Page - THAT Corporation All rights reserved.

Part # 6266
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6266 Datasheet(HTML) 1 Page - THAT Corporation All rights reserved.

  6266 Datasheet HTML 1Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 2Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 3Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 4Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 5Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 6Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 7Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 8Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; Doc 600190 Rev 05
FEATURES
 Low noise: –127 dBu EIN1 (max gain)
 –8 dB to +34 dB gain
 Choice of step size: 1, 3, or 6dB
 +16.5 dBu maximum input (min gain)
 Integrated ADC driver with reference input
 High common-mode rejection: >65dB
 Very low power: 30 mW per channel
 Unipolar or Bipolar power supplies
Analog: +10V +5V or ±5V; Digital: +3.3V
 Small form factor: 7x7mm QFN package
 Zero crossing detectors minimize zipper noise
 Daisy-chainable SPI control interface
 Individually controlled Standby and Mute
APPLICATIONS
 Digitally controlled input stages
Microphone preamplifiers
Instrumentation amplifiers
Differential amplifiers
 Audio mixing consoles
 PC audio interfaces
 Digital video cameras
 Digital audio snakes
 Portable audio recorders
 Programmable gain amplifiers
1 6261, 150 termination, 20kHz bandwidth, unweighted
2-Channel Low-Noise Programmable-
Gain Preamplifier - ADC Driver IC
THAT 6261, 6263, 6266
Description
The THAT 626x is a family of two-channel “all-in-
one” digitally controlled preamplifiers with integrated
ADC drivers. Gain is programmable from -8 to +34dB.
The 626x family includes three products distinguished
primarily by step size:
Part
6261
6263
6266
Step size
1dB
3dB
6dB
All three parts offer excellent noise performance: at
+34dB gain, the 6261 EIN is –127dBu, while the 6263
and 6266 are -126dBu. Dynamic range at -8dB gain is
up to 118.7dB.
The parts’ outputs interface directly to commonly
used 5V ADC ICs with 2Vrms differential full-scale
inputs. Therefore, they serve as a complete solution to
connect an audio input to an A/D converter.
To minimize audibility of gain changes with signal,
all 626x family members can be programmed to syn-
chronize gain changes with signal zero crossings. A
BUSY pin for each channel allows external events to be
synchronized with zero crossings. This enables exter-
nal gain changes to by seamless with internal ones.
The low-power (60mW) devices can be powered
from unipolar (+10V and +5V) or bipolar (±5V)
supplies. The parts are controlled via a 4-wire SPI
interface running at up to 7.5 MHz (+3.3V supply).
Multiple devices may be daisy-chained using one chip
select.
Four general purpose logic outputs (GPOs) are
available to control external circuitry (e.g., pad, phan-
tom power). The GPOs may be synchronized with ze-
ro-crossings. Each channel may be set to low-power
standby mode, and can be muted by about 62 dB.
The 626x comes in a 7X7 mm 48-pin QFN pack-
age. They are truly all-in-one mic preamps – from XLR
to ADC.
Figure 1. 626x simplified block diagram, bipolar supplies (one channel shown).
CH1
PREAMP
RG
RFB
CH1
ADC
DRIVER
ZCD
1
ZCD
2
GAIN
SERIAL
INTERFACE
4
4
IN+
PO+
V A+
DGND
V D
V A-
V CM
V AD
AGND
DI+ PO-
DI-
CG1
CG2
IN-
RFB-
CFB-
OUT-
OUT+
CFB+
RFB+
RFI
AND
PHANTOM
POWER
PROTECTION
ADC
2 VRMS FS
MIC / LINE
INPUT
GPO 1-4
SPI
+5V
+3.3V
GND
+5V
GND
REF
-5V


Similar Part No. - 6266

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6266 POMONA-6266 Datasheet
86Kb / 2P
General Purpose Oscilloscope Probes
logo
Clarke International
6266012 CLARKE-6266012 Datasheet
1Mb / 8P
TRICKLE CHARGER
DL0723 ISS 3
6266300 CLARKE-6266300 Datasheet
706Kb / 8P
LEAD ACID BATTERY CHARGER
DL1122 Rev 1
6266305 CLARKE-6266305 Datasheet
706Kb / 8P
LEAD ACID BATTERY CHARGER
DL1122 Rev 1
6266315 CLARKE-6266315 Datasheet
1Mb / 8P
AUTOMATIC BATTERY CHARGER
DL0922 Rev 3
More results

Similar Description - 6266

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
logo
List of Unclassifed Man...
THAT1510 ETC-THAT1510 Datasheet
129Kb / 6P
Low Noise, High Performance Microphone Preamplifier IC
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
logo
List of Unclassifed Man...
THAT1512S08-U ETC2-THAT1512S08-U Datasheet
122Kb / 8P
Low-Noise, High Performance Audio Preamplifier IC
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com