Electronic Components Datasheet Search
  English  ▼

X  

6266 Datasheet(PDF) 5 Page - THAT Corporation All rights reserved.

Part # 6266
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6266 Datasheet(HTML) 5 Page - THAT Corporation All rights reserved.

  6266 Datasheet HTML 1Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 2Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 3Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 4Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 5Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 6Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 7Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 8Page - THAT Corporation All rights reserved. 6266 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THAT 626x 2-Channel Low-Noise Programmable
Page 5 of 20
Document 600190 Rev 05
Gain Preamplifier – ADC Driver IC
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
Typical Performance Graphs
Figure 3. 6261 EIN vs. gain, 0
and 150 termination.
Figure 4. 6261 THD+N vs gain, f=1kHz, Vout=2Vrms
Figure 5. 6261 THD+N vs. output swing at different gains.
Figure 6. 6261 THD+N at Vout=1Vrms
vs. frequency, 22kHz BW.
Figure 7. 6261 THD+N at Vout=1.8Vrms
vs. frequency, 22kHz BW.
Figure 8. 6261 ADC driver stage VAD PSRR
vs. frequency.
Figure 9. 6261 preamp stage VA+ PSRR
vs. frequency & gain setting.
Figure 10. 6261 preamp stage VA- PSRR
vs. frequency & gain.
-4
0
-8
-130
-125
-120
- 115
- 110
-105
-103
[dBu]
6
12
Rs = 0 Ohm
Rs = 150 Ohm
18
24
30
34 [dB]
-4
0
-8
0.0001
0.0005
0.001
0.002
0.005
0.01
0.05
0.1
[%]
6
12
18
24
30
34 [dB]
0.0005
0.005
0.01
0.05
0.1
1
0.001
[%]
Gain=-8dB
Gain=-5dB
Gain=-2dB
Gain=1dB
Gain=10dB
Gain=34dB
[dBu]
0.001
0.005
0.01
0.05
0.0005
[%]
fin = 1kHz
Gain=-8dB
Gain=-5dB
Gain=-2dB
Gain=1dB
Gain=10dB
Gain=34dB
[Hz]
0.001
0.01
0.005
0.05
0.0005
0.0003
[%]
fin = 1kHz
Gain=-8dB
Gain=-5dB
Gain=-2dB
Gain=1dB
Gain=10dB
Gain=34dB
[Hz]
-120
-105
-100
-95
-90
-85
-80
-75
-70
-65
-115
-110
[dB]
-8dB
[Hz]
-130
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-125
-120
[dB]
-8dB
1dB
10dB
19dB
28dB
34dB
[Hz]
-115
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-110
-105
[dB]
-8dB
1dB
10dB
19dB
28dB
34dB
[Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com