Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 79Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 80Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 81Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 82Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 83Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 84Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 85Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 86Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 166 page
background image
ST7265x
83/166
16-BIT TIMER (Cont’d)
Figure 46. Counter Timing Diagram, internal clock divided by 2
Figure 47. Counter Timing Diagram, internal clock divided by 4
Figure 48. Counter Timing Diagram, internal clock divided by 8
Note: The MCU is in reset state when the internal reset signal is high, when it is low the MCU is running.
CPU CLOCK
FFFD FFFE FFFF 0000
0001
0002
0003
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
FFFC
FFFD
0000
0001
CPU CLOCK
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
CPU CLOCK
INTERNAL RESET
TIMER CLOCK
COUNTER REGISTER
TIMER OVERFLOW FLAG (TOF)
FFFC
FFFD
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com