Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 81Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 82Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 83Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 84Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 85Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 86Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 87Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 88Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 166 page
background image
ST7265x
85/166
16-BIT TIMER (Cont’d)
Notes:
1. After a processor write cycle to the OC
iHR reg-
ister, the output compare function is inhibited
until the OC
iLR register is also written.
2. If the OC
iE bit is not set, the OCMPi pin is a
general I/O port and the OLVL
i bit will not
appear when a match is found but an interrupt
could be generated if the OCIE bit is set.
3. When the timer clock is fCPU/2, OCFi and
OCMP
i are set while the counter value equals
the OC
iR register value (see Figure 50 on
page 86).
When the timer clock is fCPU/4, fCPU/8 or in
external clock mode, OCF
i and OCMPi are set
while the counter value equals the OC
iR regis-
ter value plus 1 (see Figure on page 86).
4. The output compare functions can be used both
for generating external events on the OCMP
i
pins even if the input capture mode is also
used.
5. The value in the 16-bit OCiR register and the
OLV
i bit should be changed after each suc-
cessful comparison in order to control an output
waveform or establish a new timeout period.
Forced Compare Output capability
When the FOLV
i bit is set by software, the OLVLi
bit is copied to the OCMP
i pin. The OLVi bit has to
be toggled in order to toggle the OCMP
i pin when
it is enabled (OC
iE bit=1). The OCFi bit is then not
set by hardware, and thus no interrupt request is
generated.
Figure 49. Output Compare Block Diagram
OUTPUT COMPARE
16-bit
CIRCUIT
OC1R Register
16 BIT
FREE RUNNING
COUNTER
OC1E
CC0
CC1
OC2E
OLVL1
OLVL2
OCIE
(Control Register 1) CR1
(Control Register 2) CR2
0
0
0
OCF2
OCF1
(Status Register) SR
16-bit
16-bit
OCMP1
OCMP2
Latch
1
Latch
2
OC2R Register
Pin
Pin
FOLV2 FOLV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com