Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 31Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 32Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 33Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 34Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 35Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 36Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 37Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 38Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 166 page
background image
ST7265x
35/166
POWER SUPPLY MANAGEMENT (Cont’d)
6.4.2.2 Switching from USB Mode to Stand-
Alone Mode
In USB Mode, when the user unplugs the USB ca-
ble, the voltage level drops on the USBVDD line.
The on-chip Power Supply Manager generates a
PLG interrupt when USBVDD reaches USBVIT-.
The user program then can finish the current
processing, and MUST generate a software RE-
SET.
Caution: Care should be taken as during this peri-
od the microcontroller clock is provided from the
PLL output. Functionality in this mode is not guar-
anteed for voltages below VPLLmin.
Software must ensure that the software RESET is
generated before VDD. drops below VPLLmin. Fail-
ing to do this will cause the clock circuitry to stop,
freezing the microcontroller operations.
Once the user program has executed the software
reset, the microcontroller goes into reset state and
all I/O ports go into floating input mode.
During and after this (software induced) reset
phase, the USBEN pin is put in high impedance by
hardware. It causes the USB SWITCH to be
turned OFF, so USBVDD is disconnected from
VDD. The PLL is automatically stopped and the in-
ternal frequency is provided by a division of the
crystal frequency. Refer to Figure 25.
The microcontroller is still powered by the residual
USBVDD voltage (higher than step-up converter
set output level). This VDD voltage decreases dur-
ing the reset phase until it reaches the step-up
converter set output voltage. At that time, step-up
converter resumes operation, and powers the ap-
plication.
Caution: In order to avoid applying excessive volt-
age to the Storage Media, a minimum delay must
be ensured during (and after if needed) the reset
phase, prior to switching ON the external STOR-
AGE switch. See Figure 26 and Figure 27.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com