Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 44Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 45Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 46Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 47Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 48Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 49Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 50Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 51Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 166 page
background image
ST7265x
48/166
POWER SAVING MODES (Cont’d)
8.3 HALT MODE
The HALT mode is the MCU lowest power con-
sumption mode. The HALT mode is entered by ex-
ecuting the HALT instruction. The internal oscilla-
tor is then turned off, causing all internal process-
ing to be stopped, including the operation of the
on-chip peripherals.
When entering HALT mode, the I[1:0] bits in the
Condition Code Register are cleared. Thus, any of
the external interrupts (ITi or USB end suspend
mode), are allowed and if an interrupt occurs, the
CPU clock becomes active.
The MCU can exit HALT mode on reception of ei-
ther an external interrupt on ITi, an end suspend
mode interrupt coming from USB peripheral, an
SPI interrupt or a reset. The oscillator is then
turned on and a stabilization time is provided be-
fore releasing CPU operation. The stabilization
time is 512 CPU clock cycles.
After the start up delay, the CPU continues opera-
tion by servicing the interrupt which wakes it up or
by fetching the reset vector if a reset wakes it up.
Figure 34. HALT Mode Flow Chart
N
N
EXTERNAL
INTERRUPT*
RESET
HALT INSTRUCTION
FETCH RESET VECTOR
OR SERVICE INTERRUPT
DELAY
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I1:0] BITS
ON
ON
SET
ON
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I1:0] BITS
OFF
OFF
CLEARED
OFF
Y
Y
Note: Before servicing an interrupt, the CC
register is pushed on the stack. TheI1:0] bits are
set during the interrupt routine and cleared
when the CC register is popped.
(Refer to Figure 20 and
Figure 21)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com