Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 25Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 26Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 27Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 28Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 29Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 30Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 31Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 32Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 166 page
background image
ST7265x
29/166
6.2 RESET SEQUENCE MANAGER (RSM)
6.2.1 Introduction
The reset sequence manager includes three RE-
SET sources as shown in Figure 6.2.2:
s
External RESET source pulse
s
Internal LVD RESET (Low Voltage Detection)
s
Internal WATCHDOG RESET
These sources act on the RESET pin and it is al-
ways kept low during the delay phase.
The RESET service routine vector is fixed at ad-
dresses FFFEh-FFFFh in the ST7 memory map.
The basic RESET sequence consists of 3 phases
as shown in Figure 18:
s
Active Phase depending on the RESET source
s
Min 512 CPU clock cycle delay (see Figure 20
and Figure 21
s
RESET vector fetch
Figure 18. RESET Sequences
VDD
RUN
RESET PIN
EXTERNAL
WATCHDOG
ACTIVE PHASE
VIT+(LVD)
VIT-(LVD)
th(RSTL)in
tw(RSTL)out
RUN
th(RSTL)in
ACTIVE
WATCHDOG UNDERFLOW
tw(RSTL)out
RUN
RUN
RUN
RESET
RESET
SOURCE
SHORT EXT.
RESET
LVD
RESET
LONG EXT.
RESET
WATCHDOG
RESET
INTERNAL RESET (min 512 TCPU)
VECTOR FETCH
tw(RSTL)out
PHASE
ACTIVE
PHASE
ACTIVE
PHASE
DELAY
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com