Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 14Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 15Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 16Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 17Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 18Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 19Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 20Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 21Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 166 page
background image
ST7265x
18/166
3 REGISTER & MEMORY MAP
As shown in Figure 11, the MCU is capable of ad-
dressing 64 Kbytes of memories and I/O registers.
The available memory locations consist of 80
bytes of register locations, up to 5 Kbytes of RAM
and up to 32 Kbytes of user program memory. The
RAM space includes up to 256 bytes for the stack
from 0100h to 01FFh.
The highest address bytes contain the user reset
and interrupt vectors.
IMPORTANT:
Memory
locations
noted
“Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 11. Memory Map
* Program memory and RAM sizes are product dependent (see Table –)
** The ST7 core is not able to read or write in the USB data buffer if the ST7265x is running at 6Mz in stan-
dalone mode.
0000h
Interrupt & Reset Vectors
HW Registers
0050h
004Fh
(see Table 4)
FFDFh
FFE0h
FFFFh
(see Table 10)
8000h
7FFFh
Program Memory*
5 KBytes RAM*
16 Kbytes
C000h
Reserved
1450h
144Fh
32 Kbytes
512 Bytes RAM*
Short Addressing
Stack (256 Bytes)
0100h
0200h
144Fh
0050h
00FFh
01FFh
16-bit Addressing RAM
RAM (176 Bytes)
(4688 Bytes)
Short Addressing
Stack (256 Bytes)
0100h
0200h
024Fh
0050h
00FFh
01FFh
16-bit Addressing RAM
RAM (176 Bytes)
(80 Bytes)
154Fh
1A4Fh
256 Bytes
1280 Bytes
USB Data Buffer**
DTC RAM (Write protected)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com