Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR6M1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST7265AR6M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR6M1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST7265AR6M1 Datasheet HTML 51Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 52Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 53Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 54Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 55Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 56Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 57Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 58Page - STMicroelectronics ST7265AR6M1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 166 page
background image
ST7265x
55/166
I/O PORTS (Cont’d)
Table 15. I/O Port Register Map and Reset Values
Address
(Hex.)
Register
Label
76
54321
0
Reset Value
of all I/O port registers
000
0000
0
0000h
PADR
MSB
LSB
0001h
PADDR
0002h
PAOR
0003h
PBDR
MSB
LSB
0004h
PBDDR
0005h
Unused
0006h
PCDR
MSB
LSB
0007h
PCDDR
0008h
PCOR
0009h
PDDR
MSB
LSB
000Ah
PDDDR
000Bh
PDOR
000Ch
PEDR
MSB
LSB
000Dh
PEDDR
000Eh
PEOR
000Fh
PFDR
MSB
LSB
0010h
PFDDR
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com